전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DNT04SIP03 데이터시트(PDF) 5 Page - Delta Electronics, Inc.

부품명 DNT04SIP03
상세설명  Standard footprint and pinout
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DELTA [Delta Electronics, Inc.]
홈페이지  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNT04SIP03 데이터시트(HTML) 5 Page - Delta Electronics, Inc.

  DNT04SIP03 Datasheet HTML 1Page - Delta Electronics, Inc. DNT04SIP03 Datasheet HTML 2Page - Delta Electronics, Inc. DNT04SIP03 Datasheet HTML 3Page - Delta Electronics, Inc. DNT04SIP03 Datasheet HTML 4Page - Delta Electronics, Inc. DNT04SIP03 Datasheet HTML 5Page - Delta Electronics, Inc. DNT04SIP03 Datasheet HTML 6Page - Delta Electronics, Inc. DNT04SIP03 Datasheet HTML 7Page - Delta Electronics, Inc. DNT04SIP03 Datasheet HTML 8Page - Delta Electronics, Inc. DNT04SIP03 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DS_DNT04SIP03_08292013
5
ELECTRICAL CHARACTERISTICS CURVES (CON.)
Figure 13: Turn on delay time at 5Vin, 3.3V/3A out
Top: Vout, 2V/div, Bottom: Vin, 5V/div; 2mS/div
Figure 14: Turn on delay time at 5Vin, 2.5V/3A out
Top: Vout, 2V/div, Bottom: Vin, 5V/div; 2mS/div
Figure 15: Turn on delay time at 5Vin, 1.8V/3A out
Top: Vout, 1V/div, Bottom: Vin, 5V/div; 2mS/div
Figure 16: Turn on delay time at 5Vin, 1.5V/3A out
Top: Vout ,1V/div, Bottom: 5V/div; 2mS/div
Figure 17: Turn on delay time at 5Vin, 1.2V/3A out
Top: Vout , 1V/div, Bottom: Vin, 5V/div; 2mS/div
Figure 18: Turn on delay time at 5Vin, 0.75V/3A out
Top: Vout, 0.5V/div, Bottom: Vin ,5V/div; 2mS/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com