전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VDP3104B 데이터시트(PDF) 23 Page - Micronas

부품명 VDP3104B
상세설명  Video Processor Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICRONAS [Micronas]
홈페이지  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3104B 데이터시트(HTML) 23 Page - Micronas

Back Button VDP3104B Datasheet HTML 19Page - Micronas VDP3104B Datasheet HTML 20Page - Micronas VDP3104B Datasheet HTML 21Page - Micronas VDP3104B Datasheet HTML 22Page - Micronas VDP3104B Datasheet HTML 23Page - Micronas VDP3104B Datasheet HTML 24Page - Micronas VDP3104B Datasheet HTML 25Page - Micronas VDP3104B Datasheet HTML 26Page - Micronas VDP3104B Datasheet HTML 27Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
PRELIMINARY DATA SHEET
VDP 31xxB
23
Micronas
2.9.3. Average Beam Current Limiter
The average beam current limiter (BCL) uses the sense
input for the beam current measurement. The BCL uses
a different filter to average the beam current during the
active picture. The filter bandwidth is approx. 2 kHz. The
beam current limiter has an automatic offset adjustment
that is active two lines before the first cutoff measure-
ment line.
The beam current limiter function is located in the front-
end. The data exchange between the front-end and the
back-end is done via a single-wire serial interface.
The beam current limiter allows the setting of a threshold
current. If the beam current is above the threshold, the
excess current is low-pass filtered and used to attenuate
the RGB outputs by adjusting the white-drive multipliers
for the internal (digital) RGB signals, and the analog con-
trast multipliers for the analog RGB inputs, respectively.
The lower limit of the attenuator is programmable, thus
a minimum contrast can always be set. During the tube
measurement, the ABL attenuation is switched off. After
the white drive measurement line it takes 3 lines to
switch back to BCL limited drives and brightness.
Typical characteristics of the ABL for different loop gains
are shown in Fig. 2–24; for this example the tube has
been assumed to have square law characteristics.
Fig. 2–24: Beam current limiter characteristics:
beam current output vs. drive
BCL threshold: 1
drive
2.9.4. Analog RGB Insertion
The VDP 31xxB allows insertion of 2 external analog
RGB signals. Each RGB signal is key-clamped and in-
serted into the main RGB by the fast blank switch. The
selected external RGB input is virtually handled as a
priority bus signal. Thus, it can be overlaid or underlaid
to the digital picture. The external RGB signals can be
adjusted independently as regards DC-level (bright-
ness) and magnitude (contrast).
Which analog RGB input is selected depends on the fast
blank input signals and the programming of a number of
I2C-bus register settings (see Table 2–3 and Fig. 2–25).
Both fast blank inputs must be either active-low or ac-
tive-high.
All signals for analog RGB insertion (RIN1/2, GIN1/2,
BIN1/2, FBLIN1/2, HCS) must be synchronized to the
horizontal flyback, otherwise a horizontal jitter will be vis-
ible. The VDP 31xxB has no means for timing correction
of the analog RGB input signals.
Table 2–3: RGB Input Selection
FBFOH1 = 0, FBFOH2 = 0, FBFOL1 = 0, FBFOL2 = 0
FBLIN1
FBLIN2
FBPOL
FBPRIO
RGB output
0
0
0
x
Video
0
1
0
x
RGB input 2
1
0
0
x
RGB input 1
1
1
0
0
RGB input 1
1
1
0
1
RGB input 2
0
0
1
0
RGB input 1
0
0
1
1
RGB input 2
0
1
1
x
RGB input 1
1
0
1
x
RGB input 2
1
1
1
x
Video



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com