| 전자부품 데이터시트 검색엔진 |
|
VSC7129 데이터시트(PDF) 8 Page - Vitesse Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
VSC7129 데이터시트(HTML) 8 Page - Vitesse Semiconductor Corporation |
|
8 / 12 page ![]() Data Sheet VSC7127/VSC7129 Family of Repeater/Retimer and Port Bypass Circuits for Fibre Channel VITESSE SEMICONDUCTOR CORPORATION Page 8 G52298-0, Rev 4.3 05/01/01 © VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012 Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com Internet: www.vitesse.com Package Pin Descriptions Figure 5: Pin Diagram Table 3: VSC7124/VSC7127/VSC7129 Pin Differences NOTE: (1) The VSC7124 is a 5 PBC device similar to the VSC7127/VSC7129 without the FibreTimer™ Repeater/Retimer functionality. Pin 12 Pin 13 Pin 32 Pin 19 Pin 20 Pin 21 Pin 22 Pin 23 Comment VSC7124 N/C N/C VDD VSS N/C VDD N/C N/C Provided for reference only (1) VSC7127 MODE REFCLK VDDA VSS SIGDET VDD SEL5 TRST Compatible with HDMP-0451 VSC7129 MODE REFCLK VDDA SIGDET VDD SEL5 TRST VSS Compatible with HDMP-0452 VSS I0+ VSS PIN23* O0+ O4+ O0- VDDP1 O1- O1+ I4- VDD VSS I0- VDDP0 I4+ VDDP4 O4- VDDA I1+ I1- VSC7127 VSS 1 3 5 7 9 11 33 31 29 27 25 23 13 15 17 19 21 43 41 39 37 35 VSC7129 * See Tables 3 and 4 for Pin Differences and Description |