| 전자부품 데이터시트 검색엔진 |
|
SF-0603FP300 데이터시트(PDF) 4 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
SF-0603FP300 데이터시트(HTML) 4 Page - Bourns Electronic Solutions |
|
4 / 4 page ![]() Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. SF-0603FPSeriesTapeandReelSpecifications SF-0603FP Series Tape Dimensions per EIA 481-2 W 8.0 ± 0.2 (.315 ± .008) P0 4.0 ± 0.1 (.157 ± .004) P1 4.0 ± 0.1 (.157 ± .004) P2 2.0 ± 0.05 (.079 ± .002) A 1.1 ± 0.1 (.043 ± .004) B 1.9 ± 0.1 (.075 ± .004) F 3.5 ± 0.05 (.138 ± .002) E 1.75 ± 0.1 (.069 ± .004) D0 1.5 + 0.1/-0 (.059 + .004/-0) T 0.64 ± 0.1 (.025 ± .004) Reel Dimensions A 180 +0/-3.0 (7.087 +0/-.118) B Min. 60.0 (2.362) C 13.0 ± 1.0 (.512 ± .039) W 9.0 ± 1.0 (.354 ± .039) T 11.4 ± 2.0 (.449 ± .079) PO E W DIRECTION OF UNREELING F DO A W T C DIA. B DIA. A DIA. B T TOP TAPE BOTTOM TAPE PAPER TAPE RESISTOR TAPE P2 P1 DIMENSIONS: MM (INCHES) |