| 전자부품 데이터시트 검색엔진 |
|
MLX90805S 데이터시트(PDF) 8 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MLX90805S 데이터시트(HTML) 8 Page - List of Unclassifed Manufacturers |
|
8 / 13 page ![]() MLX90805 Intelligent Triac Controller MLX90805 Intelligent Triac Controller Page 8 Rev 1.2 17/May/00 Applications Example - Soft Start Only 90805 Vss RZ L RM ZC N Vdda TRG Cf M SET Soft Start Only The chip is used to perform smooth soft start of an electrical motor. It detects when the mains voltage is applied and generates firing pulses for the triac. The motor starts running, and the maximum speed (motor operating at full power) is reached after a predefined time. This application is defined by fixing V(SET) = Vref. This means, after soft start generation, always the maximum speed (corresponding to the highest ROM address) is selected. |