전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT32F22366 데이터시트(PDF) 56 Page - Holtek Semiconductor Inc

부품명 HT32F22366
상세설명  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F22366 데이터시트(HTML) 56 Page - Holtek Semiconductor Inc

Back Button HT32F22366 Datasheet HTML 48Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 49Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 50Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 51Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 52Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 53Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 54Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 55Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 56Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 56 / 56 page
background image
Rev. 1.00
56 of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
Copy�ight© �01� �y HOLTEK SEMICO�DUCTOR I�C.
The info��ation appea�ing in this Data Sheet is �elieved to �e accu�ate at the ti�e
of pu�lication. Howeve�� Holtek assu�es no �esponsi�ility a�ising f�o� the use of
the specifications desc�i�ed. The applications �entioned he�ein a�e used solely fo�
the pu�pose of illust�ation and Holtek �akes no wa��anty o� �ep�esentation that such
applications will �e suita�le without fu�the� �odification� no� �eco��ends the use of
its p�oducts fo� application that �ay p�esent a �isk to hu�an life due to �alfunction o�
othe�wise. Holtek's p�oducts a�e not autho�ized fo� use as c�itical co�ponents in life
suppo�t devices o� syste�s. Holtek �ese�ves the �ight to alte� its p�oducts without p�io�
notification. For the most up-to-date information, please visit our web site at http://www.
holtek.co�/en/.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56