| 전자부품 데이터시트 검색엔진 |
|
HT66F005 데이터시트(PDF) 38 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT66F005 데이터시트(HTML) 38 Page - Holtek Semiconductor Inc |
|
38 / 109 page ![]() Rev. 1.30 38 ���i� ��� �01� Rev. 1.30 39 ���i� ��� �01� HT66F005/HT66F006 Cost-Effective A/D Flash MCU with EEPROM HT66F005/HT66F006 Cost-Effective A/D Flash MCU with EEPROM NORMAL Mode to SLOW Mode Switching WhenrunningintheNORMALMode,whichusesthehighspeedsystemoscillator,andtherefore consumesmorepower,thesystemclockcanswitchtorunintheSLOWModebysettingthe HLCLKbitto“0”andsettingtheCKS2~CKS0bitsto“000”or“001”intheSMODregister.This willthenusethelowspeedsystemoscillatorwhichwillconsumelesspower.Usersmaydecideto dothisforcertainoperationswhichdonotrequirehighperformanceandcansubsequentlyreduce powerconsumption. TheSLOWModeissourcedfromtheLIRCoscillatorandthereforerequirestheseoscillatorstobe stablebeforefullmodeswitchingoccurs.ThisismonitoredusingtheLTObitintheSMODregister. SL OW M ode SL E EP0 M ode SL E EP1 M ode ID E L0 M ode ID LE 1 M ode NO RM AL M od e CK S2 ~ C KS0 = 00x B & HL CL K = 0 WD T is o ff ID LE N = 0 HA LT i n st ru ct io n i s ex ec ut ed WD T is o n ID LE N = 0 HA LT i n st ru ct io n i s ex ec ut ed ID LE N = 1, F SYS ON =0 HA LT i n st ru ct io n i s ex ec ut ed ID LE N = 1, F SYSO N= 1 HA LT i n st ru ct io n i s ex ec ut ed |