| 전자부품 데이터시트 검색엔진 |
|
PC755CVGU366LE 데이터시트(PDF) 10 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
PC755CVGU366LE 데이터시트(HTML) 10 Page - ATMEL Corporation |
|
10 / 50 page ![]() 10 PC755/745 2138D–HIREL–06/03 Table 2 provides the pinout listing for the PC755, 360 PBGA, CBGA and CI-CGA + HiTCE Table 2. Pinout Listing for the PC755, 360 PBGA, CBGA and CI-CGA Packages + HiTCE (8) Signal Name Pin Number Active I/O I/F Voltages Supported(1) 1.8V/2.0V 3.3V A[0 -31] A13, D2, H11, C1, B13, F2, C13, E5, D13, G7, F12, G3, G6, H2, E2, L3, G5, L4, G4, J4, H7, E1, G2, F3, J7, M3, H3, J2, J6, K3, K2, L2 High I/O – – AACK N3 Low Input – – ABB L7 Low I/O – – AP[0 -3] C4, C5, C6, C7 High I/O – – ARTRY L6 Low I/O – – AVDD A8 - - 2V 2V BG H1 Low Input – – BR E7 Low Output – – BVSEL(3)(5)(6) W1 High Input GND 3.3V CI C2 Low Output – – CKSTP_IN B8 Low Input – – CKSTP_OUT D7 Low Output – – CLK_OUT E3 – Output – – DBB K5 Low I/O – – DBDIS G1 Low Input – – DBG K1 Low Input – – DBWO D1 Low Input – – DH[0 -31] W12, W11, V11, T9, W10, U9, U10, M11, M9, P8, W7, P9, W9, R10, W6, V7, V6, U8, V9, T7, U7, R7, U6, W5, U5, W4, P7, V5, V4, W3, U4, R5 High I/O – – DL[0 -31] M6, P3, N4, N5, R3, M7, T2, N6, U2, N7, P11, V13, U12, P12, T13, W13, U13, V10, W8, T11, U11, V12, V8, T1, P1, V1, U1, N1, R2, V3, U3, W2 High I/O – – DP[0 -7] L1, P2, M2, V2, M1, N2, T3, R1 High I/O – – DRTRY H6 Low Input – – GBL B1 Low I/O – – GND D10, D14, D16, D4, D6, E12, E8, F4, F6, F10, F14, F16, G9, G11, H5, H8, H10, H12, H15, J9, J11, K4, K6, K8, K10, K12, K14, K16, L9, L11, M5, M8, M10, M12, M15, N9, N11, P4, P6, P10, P14, P16, R8, R12, T4, T6, T10, T14, T16 – – GND GND HRESET B6 Low Input – – INT C11 Low Input – – L1_TSTCLK(2) F8 High Input – – L2ADDR[0 -16] L17, L18, L19, M19, K18, K17, K15, J19, J18, J17, J16, H18, H17, J14, J13, H19, G18 High Output – – |