전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC755CVGHU366LE 데이터시트(PDF) 8 Page - ATMEL Corporation

부품명 PC755CVGHU366LE
상세설명  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755CVGHU366LE 데이터시트(HTML) 8 Page - ATMEL Corporation

Back Button PC755CVGHU366LE Datasheet HTML 4Page - ATMEL Corporation PC755CVGHU366LE Datasheet HTML 5Page - ATMEL Corporation PC755CVGHU366LE Datasheet HTML 6Page - ATMEL Corporation PC755CVGHU366LE Datasheet HTML 7Page - ATMEL Corporation PC755CVGHU366LE Datasheet HTML 8Page - ATMEL Corporation PC755CVGHU366LE Datasheet HTML 9Page - ATMEL Corporation PC755CVGHU366LE Datasheet HTML 10Page - ATMEL Corporation PC755CVGHU366LE Datasheet HTML 11Page - ATMEL Corporation PC755CVGHU366LE Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
8
PC755/745
2138D–HIREL–06/03
Pinout Listings
Table 1 provides the pinout listing for the PC745, 255 PBGA package.
Table 1. Pinout Listing for the PC745, 255 PBGA Package
Signal Name
Pin Number
Active
I/O
I/F Voltages Supported(1)
1.8V/2.0V
3.3V
A[0
-31]
C16, E4, D13, F2, D14, G1, D15, E2, D16, D4, E13, G2,
E15, H1, E16, H2, F13, J1, F14, J2, F15, H3, F16, F4, G13,
K1, G15, K2, H16, M1, J15, P1
High
I/O
–
–
AACK
L2
Low
Input
–
–
ABB
K4
Low
I/O
–
–
AP[0
-3]
C1, B4, B3, B2
High
I/O
–
–
ARTRY
J4
Low
I/O
–
–
AVDD
A10
–
–
2V
2V
BG
L1
Low
Input
–
–
BR
B6
Low
Output
–
–
BVSEL(3)(4)(5)
B1
High
Input
GND
3.3V
CI
E1
Low
Output
–
–
CKSTP_IN
D8
Low
Input
–
–
CKSTP_OUT
A6
Low
Output
–
–
CLK_OUT
D7
–
Output
–
–
DBB
J14
Low
I/O
–
–
DBG
N1
Low
Input
–
–
DBDIS
H15
Low
Input
–
–
DBWO
G4
Low
Input
–
–
DH[0
-31]
P14, T16, R15, T15, R13, R12, P11, N11, R11, T12, T11,
R10, P9, N9, T10, R9, T9, P8, N8, R8, T8, N7, R7, T7, P6,
N6, R6, T6, R5, N5, T5, T4
High
I/O
–
–
DL[0
-31]
K13, K15, K16, L16, L15, L13, L14, M16, M15, M13, N16,
N15, N13, N14, P16, P15, R16, R14, T14, N10, P13, N12,
T13, P3, N3, N4, R3, T1, T2, P4, T3, R4
High
I/O
–
–
DP[0
-7]
M2, L3, N2, L4, R1, P2, M4, R2
High
I/O
–
–
DRTRY
G16
Low
Input
–
–
GBL
F1
Low
I/O
–
–
GND
C5, C12, E3, E6, E8, E9, E11, E14, F5, F7, F10, F12, G6,
G8, G9, G11, H5, H7, H10, H12, J5, J7, J10, J12, K6, K8,
K9, K11, L5, L7, L10, L12, M3, M6, M8, M9, M11, M14, P5,
P12
HRESET
A7
Low
Input
–
–
INT
B15
Low
Input
–
–
L1_TSTCLK(2)
D11
High
Input
–
–
L2_TSTCLK(2)
D12
High
Input
–
–
LSSD_MODE(2)
B10
Low
Input
–
-–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com