전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC755CVZFU400LE 데이터시트(PDF) 2 Page - ATMEL Corporation

부품명 PC755CVZFU400LE
상세설명  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755CVZFU400LE 데이터시트(HTML) 2 Page - ATMEL Corporation

  PC755CVZFU400LE Datasheet HTML 1Page - ATMEL Corporation PC755CVZFU400LE Datasheet HTML 2Page - ATMEL Corporation PC755CVZFU400LE Datasheet HTML 3Page - ATMEL Corporation PC755CVZFU400LE Datasheet HTML 4Page - ATMEL Corporation PC755CVZFU400LE Datasheet HTML 5Page - ATMEL Corporation PC755CVZFU400LE Datasheet HTML 6Page - ATMEL Corporation PC755CVZFU400LE Datasheet HTML 7Page - ATMEL Corporation PC755CVZFU400LE Datasheet HTML 8Page - ATMEL Corporation PC755CVZFU400LE Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
2
PC755/745
2138D–HIREL–06/03
Screening
This product is manufactured in full compliance with:
•
CBGA + CI-CGA + FC-PBGA up screenings based upon Atmel standards
•
HiTCE
•
Full military temperature range (Tj = -55
°C,+125°C)
industrial temperature range (Tj = -40
°C,+110°C)
General Description
Simplified Block Diagram The PC755 is targeted for low power systems and supports power management fea-
tures such as doze, nap, sleep, and dynamic power management. The PC755 consists
of a processor core and an internal L2 Tag combined with a dedicated L2 cache inter-
face and a 60x bus.
Figure 1. PC755 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50