전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F4539-E/MLQTP 데이터시트(PDF) 17 Page - Microchip Technology

부품명 PIC18F4539-E/MLQTP
상세설명  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/MLQTP 데이터시트(HTML) 17 Page - Microchip Technology

Back Button PIC18F4539-E/MLQTP Datasheet HTML 13Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 14Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 15Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 16Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 17Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 18Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 19Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 20Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 322 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS30485A-page 15
PIC18FXX39
PORTB is a bi-directional I/O port. PORTB can be
software programmed for internal weak pull-ups on all
inputs.
RB0/INT0
RB0
INT0
33
9
8
I/O
I
TTL
ST
Digital I/O.
External interrupt 0.
RB1/INT1
RB1
INT1
34
10
9
I/O
I
TTL
ST
Digital I/O.
External interrupt 1.
RB2/INT2
RB2
INT2
35
11
10
I/O
I
TTL
ST
Digital I/O.
External interrupt 2.
RB3
36
12
11
I/O
TTL
Digital I/O.
RB4
37
14
14
I/O
TTL
Digital I/O. Interrupt-on-change pin.
RB5/PGM
RB5
PGM
38
15
15
I/O
I/O
TTL
ST
Digital I/O. Interrupt-on-change pin.
Low Voltage ICSP programming enable pin.
RB6/PGC
RB6
PGC
39
16
16
I/O
I/O
TTL
ST
Digital I/O. Interrupt-on-change pin.
In-Circuit Debugger and ICSP programming
clock pin.
RB7/PGD
RB7
PGD
40
17
17
I/O
I/O
TTL
ST
Digital I/O. Interrupt-on-change pin.
In-Circuit Debugger and ICSP programming
data pin.
TABLE 1-3:
PIC18F4X39 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
DIP
QFN TQFP
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
I
= Input
O= Output
P
= Power
OD = Open Drain (no P diode to VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More