전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH4243 데이터시트(PDF) 12 Page - OSRAM GmbH

부품명 SFH4243
상세설명  High Power Infrared Emitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4243 데이터시트(HTML) 12 Page - OSRAM GmbH

Back Button SFH4243_16 Datasheet HTML 5Page - OSRAM GmbH SFH4243_16 Datasheet HTML 6Page - OSRAM GmbH SFH4243_16 Datasheet HTML 7Page - OSRAM GmbH SFH4243_16 Datasheet HTML 8Page - OSRAM GmbH SFH4243_16 Datasheet HTML 9Page - OSRAM GmbH SFH4243_16 Datasheet HTML 10Page - OSRAM GmbH SFH4243_16 Datasheet HTML 11Page - OSRAM GmbH SFH4243_16 Datasheet HTML 12Page - OSRAM GmbH SFH4243_16 Datasheet HTML 13Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
2016-08-11
12
Version 1.4
SFH 4243
Glossary
1) Thermal resistance: junction -ambient, mounted on PC-board (FR4), padsize 16 mm2 each
2) Thermal resistance: junction - soldering point, of the device only, mounted on an ideal heatsink (e.g. metal block)
3) Typical Values: Due to the special conditions of the manufacturing processes of LED, the typical data or
calculated correlations of technical parameters can only reflect statistical figures. These do not necessarily
correspond to the actual parameters of each single product, which could differ from the typical data and calculated
correlations or the typical characteristic line. If requested, e.g. because of technical improvements, these typ. data
will be changed without any further notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13