전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VCX16244GX 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 74VCX16244GX
상세설명  16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCX16244GX 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button 74VCX16244GX Datasheet HTML 10Page - STMicroelectronics 74VCX16244GX Datasheet HTML 11Page - STMicroelectronics 74VCX16244GX Datasheet HTML 12Page - STMicroelectronics 74VCX16244GX Datasheet HTML 13Page - STMicroelectronics 74VCX16244GX Datasheet HTML 14Page - STMicroelectronics 74VCX16244GX Datasheet HTML 15Page - STMicroelectronics 74VCX16244GX Datasheet HTML 16Page - STMicroelectronics 74VCX16244GX Datasheet HTML 17Page - STMicroelectronics 74VCX16244GX Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
74VCX1632245
16/18
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.1
0.240
Bo
8.6
0.339
Ko
1.8
0.071
Po
3.9
4.1
0.153
0.161
P
7.9
8.1
0.311
0.319
Tape & Reel TFBGA54 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18