전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VCX16244MTD 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 74VCX16244MTD
상세설명  16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCX16244MTD 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button 74VCX16244MTD Datasheet HTML 10Page - STMicroelectronics 74VCX16244MTD Datasheet HTML 11Page - STMicroelectronics 74VCX16244MTD Datasheet HTML 12Page - STMicroelectronics 74VCX16244MTD Datasheet HTML 13Page - STMicroelectronics 74VCX16244MTD Datasheet HTML 14Page - STMicroelectronics 74VCX16244MTD Datasheet HTML 15Page - STMicroelectronics 74VCX16244MTD Datasheet HTML 16Page - STMicroelectronics 74VCX16244MTD Datasheet HTML 17Page - STMicroelectronics 74VCX16244MTD Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
74VCX1632245
14/18
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
30.4
1.197
Ao
8.7
8.9
0.343
0.350
Bo
13.1
13.3
0.516
0.524
Ko
1.5
1.7
0.059
0.067
Po
3.9
4.1
0.153
0.161
P
11.9
12.1
0.468
0.476
Tape & Reel TSSOP48 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18