전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DG3003DB 데이터시트(PDF) 7 Page - Vishay Siliconix

부품명 DG3003DB
상세설명  Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3003DB 데이터시트(HTML) 7 Page - Vishay Siliconix

  DG3003DB Datasheet HTML 1Page - Vishay Siliconix DG3003DB Datasheet HTML 2Page - Vishay Siliconix DG3003DB Datasheet HTML 3Page - Vishay Siliconix DG3003DB Datasheet HTML 4Page - Vishay Siliconix DG3003DB Datasheet HTML 5Page - Vishay Siliconix DG3003DB Datasheet HTML 6Page - Vishay Siliconix DG3003DB Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
DG3001/3002/3003
Vishay Siliconix
New Product
Document Number: 72505
S-32069—Rev. A, 27-Oct-03
www.vishay.com
7
PACKAGE OUTLINE
MICRO FOOT: 6-BUMP (3 X 2, 0.5-mm PITCH, 165-mm BUMP HEIGHT)
NOTES (Unless Otherwise Specified):
1.
Bump is Eutectic 63/57 Sn/Pb.
2.
Non-solder mask defined copper landing pad.
3.
Laser Mark on silicon die back; no coating. Shown is not actual marking; sample only.
Index-Bump A1
Note 3
Top Side (Die Back)
XXX
3003
Recommended Land Pattern
0.5
0.5
6
O 0.150 X 0.180
Note 2
Solder Mask O X Pad Dia. + 0.1
Silicon
Bump
Note 1
b Diameter
32
1
A
B
e
D
e
A
A2
A1
S
S
E
MILLIMETERS*
INCHES
Dim
Min
Max
Min
Max
A
0.610
0.685
0.0240
0.0270
A1
0.140
0.190
0.0055
0.0075
A2
0.470
0.495
0.0185
0.0195
b
0.180
0.250
0.0071
0.0098
D
1.490
1.515
0.0587
0.0596
E
0.990
1.015
0.0390
0.0400
e
0.5 BASIC
0.0197 BASIC
S
0.245
0.258
0.0096
0.0101
* Use millimeters as the primary measurement.



Html Pages

1 2 3 4 5 6 7