| 전자부품 데이터시트 검색엔진 |
|
KNP-RU1KHP 데이터시트(PDF) 3 Page - Token Electronics Industry Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
KNP-RU1KHP 데이터시트(HTML) 3 Page - Token Electronics Industry Co., Ltd. |
|
3 / 5 page ![]() Taiwan Factory: +886 2 29810109 http://www.token.com.tw rfq@token.com.tw China Factory: +86 755 26055363 Page: 2/4 Technical Specifications Technical Specifications (KNP-R) Type MIL - R-26E Power Rating (W) Max. Working Voltage (V) Resistance Range (Ω) Dimensions (Unit: mm) U (275℃) V (375℃) U (275℃) V (375℃) 0.1%, 0.25%, 0.5% 1%, 2%, 3%, 5% L±0.81 D±0.81 d±0.1 KNP-R1/4 - 0.40 - 20 - 10~950 1~3.4K 6.35 1.98 0.51 KNP-R1/2 RW70 0.75 - 29 - 10~1.3K 1~4.9K 7.92 1.98 0.51 KNP-R1A - 1.00 - 53 - 1~2.7K 0.1~10.4K 10.31 2.36 0.64 KNP-R1 RW69 1.10 - 62 - 1~4.0K 0.1~15K 13.49 2.36 0.64 KNP-R2A - 2.50 3.25 138 157 1~8.6K 0.01~32.3K 12.70 5.33 0.81 KNP-R2 RW79 3.00 3.75 135 148 1~5K 0.01~2K 13.49 4.06 0.81 KNP-R3A - 3.00 3.75 135 148 1~6.5K 0.01~34.5K 14.27 5.33 0.81 KNP-R3 - 3.25 4.75 185 220 1~11.4K 0.01~42.1K 20.62 5.33 1.02 KNP-R4 RW67 4.00 5.50 210 250 1~12.7K 0.01~47.1K 15.88 7.62 1.02 KNP-R5 RW74 5.00 6.50 330 376 0.5~24.5K 0.01~51K 22.22 7.62 1.02 KNP-R7 RW68 7.00 9.00 504 576 0.5~41.4K 0.01~75K 30.94 9.52 1.02 KNP-R10 RW78 10.00 13.00 799 911 0.5~71.3K 0.01~82K 45.21 9.52 1.02 KNP-R Power Derating Curve Power Precision Wire wound Resistor (KNP-R) Dimensions Temperature Coefficient: 1 Ω and below ± 150 ppm/℃, 1 Ω to 9.9 Ω ± 100 ppm/℃, 10 Ω and above ± 100 ppm/℃, (50 ppm/℃ on request) |