전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL28PCIe10ALC 데이터시트(PDF) 4 Page - Silicon Laboratories

부품명 SL28PCIe10ALC
상세설명  EProClock짰PCI-Express Gen 2 Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28PCIe10ALC 데이터시트(HTML) 4 Page - Silicon Laboratories

  SL28PCIe10ALC Datasheet HTML 1Page - Silicon Laboratories SL28PCIe10ALC Datasheet HTML 2Page - Silicon Laboratories SL28PCIe10ALC Datasheet HTML 3Page - Silicon Laboratories SL28PCIe10ALC Datasheet HTML 4Page - Silicon Laboratories SL28PCIe10ALC Datasheet HTML 5Page - Silicon Laboratories SL28PCIe10ALC Datasheet HTML 6Page - Silicon Laboratories SL28PCIe10ALC Datasheet HTML 7Page - Silicon Laboratories SL28PCIe10ALC Datasheet HTML 8Page - Silicon Laboratories SL28PCIe10ALC Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SL28PCIe10
.......................................Document #: Rev 1.1 Page 4 of 16
....
Stop
Table 3. Byte Read and Byte Write Protocol
Byte Write Protocol
Byte Read Protocol
Bit
Description
Bit
Description
1Start
1Start
8:2
Slave address–7 bits
8:2
Slave address–7 bits
9Write
9Write
10
Acknowledge from slave
10
Acknowledge from slave
18:11
Command Code–8 bits
18:11
Command Code–8 bits
19
Acknowledge from slave
19
Acknowledge from slave
27:20
Data byte–8 bits
20
Repeated start
28
Acknowledge from slave
27:21
Slave address–7 bits
29
Stop
28
Read
29
Acknowledge from slave
37:30
Data from slave–8 bits
38
NOT Acknowledge
39
Stop
Table 2. Block Read and Block Write Protocol (continued)
Block Write Protocol
Block Read Protocol
Bit
Description
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16