전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M28S-B 데이터시트(PDF) 1 Page - Micro Commercial Components

부품명 M28S-B
상세설명  NPN Silicon Plastic-Encapsulate Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

M28S-B 데이터시트(HTML) 1 Page - Micro Commercial Components

  M28S-B Datasheet HTML 1Page - Micro Commercial Components M28S-B Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN Silicon
Plastic-Encapsulate
Transistor
Features
Capable of 0.625Watts of Power Dissipation.
Collector-current 1.0A
Collector-base Voltage 40V
Operating and storage junction temperature range: -55
OC to +150OC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(I C=1.0mAdc, IB=0)
20
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(I C=0.1mAdc, IE=0)
40
---
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(I E=0.1mAdc, IC=0)
6.0
---
Adc
ICBO
Collector Cutoff Current
(V CB=40Vdc, IE=0)
---
1.0
uAdc
ICEO
Collector Cutoff Current
(VCE=20Vdc, IE=0)
----
5.0
Vdc
IEBO
Emitter Cutoff Current
(VEB=5.0Vdc, IC=0)
---
0.1
uAdc
ON CHARACTERISTICS
hFE-1
DC Current Gain
(I C=1.0mAdc, VCE=1.0Vdc)
290
1000
---
hFE-2
DC Current Gain
(I C=100mAdc, VCE=1.0Vdc)
300
1000
---
h FE-3
DC Current Gain
(I C=300mAdc, VCE=1.0Vdc)
300
1000
---
h FE-4
DC Current Gain
(I C=500mAdc, VCE=1.0Vdc)
300
1000
---
V CE(sat)
Collector-Emitter Saturation Voltage
(I C=600mAdc, IB=20mAdc)
---
0.55
Vdc
fT
Transition Frequency
(VCE=10Vdc, IC=50mAdc, f=30MHz)
100
---
MHz
CLASSIFICATION OF HFE
Rank
B
C
D
Range
300-550
500-700
650-1000
Revision:
D
2013/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of 2
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Marking: M28S X
M28S-B
M28S-C
M28S-D
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.175
.185
4.45
4.70
B
.175
.185
4.45
4.70
C
.500
---
12.70
---
D
.016
.020
0.41
0.63
E
.135
.145
3.43
3.68
.095
.105
2.42
2.67
Straight Lead
A
E
B
C
D
G
E
C
B
E
C
B
BENT LEAD
STRAIGHT LEAD
BULK PACK
AMMO PACK
* For ammo packing detailed specification, click here to visit our website
of product packaging for details.
.
173
.
220
4.40
5.60
Bent Lead
G
TO-92
DIMENSIONS
Halogen free available upon request by adding suffix "-HF"


유사한 부품 번호 - M28S-B

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
M28S-B MCC-M28S-B Datasheet
219Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
More results

유사한 설명 - M28S-B

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
2SC3052 SECOS-2SC3052 Datasheet
352Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
A44 SECOS-A44 Datasheet
314Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
2SD669 MCC-2SD669 Datasheet
280Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MS8050-L MCC-MS8050-L Datasheet
224Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MMS9014-L MCC-MMS9014-L Datasheet
189Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE3055 MCC-MJE3055 Datasheet
246Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MJE13001 MCC-MJE13001 Datasheet
247Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002 MCC-MJE13002 Datasheet
257Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002B MCC-MJE13002B Datasheet
182Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002B MCC-MJE13002B_13 Datasheet
236Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com