전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST78C34IP40 데이터시트(PDF) 19 Page - Exar Corporation

부품명 ST78C34IP40
상세설명  GENERAL PURPOSE PARALLEL PRINTER PORT WITH 83 BYTE FIFO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXAR [Exar Corporation]
홈페이지  http://www.exar.com
Logo EXAR - Exar Corporation

ST78C34IP40 데이터시트(HTML) 19 Page - Exar Corporation

Back Button ST78C34IP40 Datasheet HTML 13Page - Exar Corporation ST78C34IP40 Datasheet HTML 14Page - Exar Corporation ST78C34IP40 Datasheet HTML 15Page - Exar Corporation ST78C34IP40 Datasheet HTML 16Page - Exar Corporation ST78C34IP40 Datasheet HTML 17Page - Exar Corporation ST78C34IP40 Datasheet HTML 18Page - Exar Corporation ST78C34IP40 Datasheet HTML 19Page - Exar Corporation ST78C34IP40 Datasheet HTML 20Page - Exar Corporation ST78C34IP40 Datasheet HTML 21Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Package Dimensions
40
1
21
20
D
e
40 LEAD PLASTIC DUAL-IN-LINE
(600 MIL PDIP)
Rev. 1.00
SYMBOL
MIN
MAX
MIN
MAX
A
0.160
0.250
4.06
6.35
A1
0.015
0.070
0.38
1.78
A2
0.125
0.195
3.18
4.95
B
0.014
0.024
0.36
0.56
B1
0.030
0.070
0.76
1.78
C
0.008
0.014
0.20
0.38
D
1.980
2.095
50.29
53.21
E
0.600
0.625
15.24
15.88
E1
0.485
0.580
12.32
14.73
e
0.100 BSC
2.54 BSC
eA
0.600 BSC
15.24 BSC
eB
0.600
0.700
15.24
17.78
L
0.115
0.200
2.92
5.08
α
0
°
15
°
0
°
15
°
INCHES
MILLIMETERS
A1
E1
E
A
L
Seating
Plane
A2
α
B1
B
C
Note: The control dimension is the inch column
eB
eA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21