전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5353MPX 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 FAN5353MPX
상세설명  3 MHz, 3 A Synchronous Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN5353MPX 데이터시트(HTML) 3 Page - ON Semiconductor

  FAN5353MPX Datasheet HTML 1Page - ON Semiconductor FAN5353MPX Datasheet HTML 2Page - ON Semiconductor FAN5353MPX Datasheet HTML 3Page - ON Semiconductor FAN5353MPX Datasheet HTML 4Page - ON Semiconductor FAN5353MPX Datasheet HTML 5Page - ON Semiconductor FAN5353MPX Datasheet HTML 6Page - ON Semiconductor FAN5353MPX Datasheet HTML 7Page - ON Semiconductor FAN5353MPX Datasheet HTML 8Page - ON Semiconductor FAN5353MPX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5353 • Rev. 1.0.3
2
Table 1. Recommended External Components for 3 A Maximum Load Current
Component
Description
Vendor
Parameter
Typ.
Units
L1
470 nH nominal
Vishay — IHLP1616ABER47M01
Coiltronics — SD12-R47-R
TDK — VLC5020T-R47N,
MURATA — LQH55PNR47NT0
L
0.47
µH
DCR
20
m
Ω
COUT
2 pieces
10
µF, 6.3 V, X5R, 0805
GRM21BR60J106M (Murata)
C2012X5R0J106M (TDK)
C
10.0
µF
CIN
10
µF, 6.3 V, X5R, 0805
CIN1
10 nF, 25 V, X7R, 0402
GRM155R71E103K (Murata)
C1005X7R1E103K (TDK)
C
10
nF
CVCC
4.7
µF, 6.3 V, X5R, 0603
GRM188R60J475K (Murata)
C1608X5R0J475K (TDK)
C
4.7
µF
R3
(1)
Resistor: 1
Ω 0402
any
R
1
Ω
Note:
1.
R3 is optional and improves IC power supply noise rejection. See Layout recommendations for more information.
Pin Configuration
Figure 2. 12-Pin, 3 x 3.5 mm MLP (Top View)
Pin Definitions
Pin #
Name
Description
1
FB
FB. Connect to resistor divider. The IC regulates this pin to 0.8 V.
2
VOUT
VOUT. Sense pin for VOUT. Connect to COUT.
3, 4
PGND
Power Ground. Low-side MOSFET is referenced to this pin. CIN and COUT should be returned with a
minimal path to these pins.
5, 6
SW
Switching Node. Connect to inductor.
P1
GND
Ground. All signals are referenced to this pin.
7, 8
PVIN
Power Input Voltage. Connect to input power source. Connect to CIN with minimal path.
9
VCC
IC Bias Supply. Connect to input power source. Use a separate bypass capacitor CVCC from this pin
to the P1 GND terminal between pins 1 and 12.
10
EN
Enable. The device is in shutdown mode when this pin is LOW. Do not leave this pin floating.
11
PGOOD
Power Good. This open-drain pin pulls LOW if the output falls out of regulation or is in soft-start.
12
NC
This pin has no function and should be tied to GND.
Note:
2.
P1 is the bottom heat-sink pad. Ground plane should flow through pins 3, 4, 12, and P1 and can be extended through pin
11 if PGOOD’s function is not required to improve IC cooling.
FB
VOUT
PGND
PGND
SW
SW
NC
PGOOD
EN
VCC
PVIN
PVIN
6
5
4
3
2
1
7
8
9
10
11
12
P1
(GND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com