전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB39A136 데이터시트(PDF) 7 Page - Cypress Semiconductor

부품명 MB39A136
상세설명  2ch PFM/PWM DC/DC Converter IC with Synchronous Rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39A136 데이터시트(HTML) 7 Page - Cypress Semiconductor

Back Button MB39A136 Datasheet HTML 3Page - Cypress Semiconductor MB39A136 Datasheet HTML 4Page - Cypress Semiconductor MB39A136 Datasheet HTML 5Page - Cypress Semiconductor MB39A136 Datasheet HTML 6Page - Cypress Semiconductor MB39A136 Datasheet HTML 7Page - Cypress Semiconductor MB39A136 Datasheet HTML 8Page - Cypress Semiconductor MB39A136 Datasheet HTML 9Page - Cypress Semiconductor MB39A136 Datasheet HTML 10Page - Cypress Semiconductor MB39A136 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
MB39A136
Document Number: 002-08376 Rev. *A
Page 7 of 50
5. Recommended Operating Conditions
WARNING: The recommended operating conditions are required in order to ensure the normal operation of
the semiconductor device. All of the device's electrical characteristics are warranted when the
device is operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges.
Operation outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented
on the data sheet. Users considering application outside the listed conditions are advised to contact
their representatives beforehand.
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
Power supply voltage
VVCC
4.5
25.0
V
CB pin
input voltage
VCB

30
V
Reference voltage
output current
IVREF
100

A
Bias output current
IVB
1

mA
CTL pin input voltage
VI
CTL1, CTL2 pins
0
25
V
Input voltage
VFB
FB1, FB2 pins
0
VVREF
V
VILIM
ILIM1, ILIM2 pins
0.3
1.94
V
VCS
CS1, CS2 pins
0
VVREF
V
VMODE
MODE pin
0
VVREF
V
Peak output current
IOUT
DRVH1, DRVH2 pins
DRVL1, DRVL2 pins
Duty
 5 (t
1/fOSC×Duty)
1200
1200
mA
Operation frequency range
fOSC
100
500
1000
kHz
Timing resistor
RRT
RT pin
47
k
Soft start capacitor
CCS
CS1, CS2 pins
0.0075
0.0180
F
CB pin capacitor
CCB
CB1, CB2 pins
0.1
1.0
F
Reference voltage
output capacitor
CVREF
VREF pin
0.1
1.0
F
Bias voltage output
capacitor
CVB
VB pin
2.2
10
F
Operating ambient temper-
ature
Ta
30
25
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com