전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DMTH4011SPD-13 데이터시트(PDF) 2 Page - Diodes Incorporated

부품명 DMTH4011SPD-13
상세설명  40V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH4011SPD-13 데이터시트(HTML) 2 Page - Diodes Incorporated

  DMTH4011SPD-13 Datasheet HTML 1Page - Diodes Incorporated DMTH4011SPD-13 Datasheet HTML 2Page - Diodes Incorporated DMTH4011SPD-13 Datasheet HTML 3Page - Diodes Incorporated DMTH4011SPD-13 Datasheet HTML 4Page - Diodes Incorporated DMTH4011SPD-13 Datasheet HTML 5Page - Diodes Incorporated DMTH4011SPD-13 Datasheet HTML 6Page - Diodes Incorporated DMTH4011SPD-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMTH4011SPD
Document number: DS40409 Rev. 1 - 2
2 of 7
www.diodes.com
December 2017
© Diodes Incorporated
DMTH4011SPD
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
40
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6)
TC = +25°C
TC = +100°C
ID
42
29.7
A
Continuous Drain Current (Note 5)
TA = +25°C
TA = +100°C
ID
11.1
7.8
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
60
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
3.3
A
Pulsed Body Diode Forward Current (10µs Pulse, Duty Cycle = 1%)
ISM
60
A
Avalanche Current, L = 0.3mH
IAS
11.9
A
Avalanche Energy, L = 0.3mH
EAS
21.4
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
TA = +25°C
PD
2.6
W
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
57
°C/W
Total Power Dissipation (Note 6)
TC = +25°C
PD
37.5
W
Thermal Resistance, Junction to Case (Note 6)
RθJC
4
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
40
—
—
V
VGS = 0V, ID = 1mA
Zero Gate Voltage Drain Current
IDSS
—
—
1
µA
VDS = 32V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
2
—
4
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
11.6
15
m
Ω
VGS = 10V, ID = 20A
Diode Forward Voltage
VSD
—
—
1.2
V
VGS = 0V, IS = 20A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
—
805
—
pF
VDS = 20V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
—
208
—
pF
Reverse Transfer Capacitance
Crss
—
15
—
pF
Gate Resistance
Rg
—
2.76
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
—
10.6
—
nC
VDS = 20V, ID = 20A,
VGS = 10V
Gate-Source Charge
Qgs
—
2.2
—
nC
Gate-Drain Charge
Qgd
—
2.7
—
nC
Turn-On Delay Time
tD(ON)
—
4.1
—
ns
VDD = 20V, VGS = 10V,
RG = 1.6Ω, ID = 20A
Turn-On Rise Time
tR
—
3.8
—
ns
Turn-Off Delay Time
tD(OFF)
—
8.6
—
ns
Turn-Off Fall Time
tF
—
1.9
—
ns
Body Diode Reverse Recovery Time
tRR
—
10.2
—
ns
IF = 15A, di/dt = 400A/μs
Body Diode Reverse Recovery Charge
QRR
—
9.6
—
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz. copper, with thermal bias to bottom layer 1inch square copper plate.
6. Thermal resistance from junction to soldering point (on the exposed drain pad).
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com