전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GLPF 데이터시트(PDF) 10 Page - Cypress Semiconductor

부품명 MB90F548GLPF
상세설명  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F548GLPF 데이터시트(HTML) 10 Page - Cypress Semiconductor

Back Button MB90F548GLPF Datasheet HTML 6Page - Cypress Semiconductor MB90F548GLPF Datasheet HTML 7Page - Cypress Semiconductor MB90F548GLPF Datasheet HTML 8Page - Cypress Semiconductor MB90F548GLPF Datasheet HTML 9Page - Cypress Semiconductor MB90F548GLPF Datasheet HTML 10Page - Cypress Semiconductor MB90F548GLPF Datasheet HTML 11Page - Cypress Semiconductor MB90F548GLPF Datasheet HTML 12Page - Cypress Semiconductor MB90F548GLPF Datasheet HTML 13Page - Cypress Semiconductor MB90F548GLPF Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 10 of 70
MB90540G/545G Series
(Continued)
Pin No.
Pin name
Circuit type
Function
LQFP*2
QFP*1
11
13
P33
I
General I/O port with programmable pullup. This function is enabled in the
single-chip mode, external bus 8-bit mode or when WRH pin output is disabled.
WRH
Write strobe output pin for the 8 higher bits of the data bus. This function is
enabled when the external bus is enabled, when the external bus 16-bit mode
is selected, and when the WRH output pin is enabled.
12
14
P34
I
General I/O port with programmable pullup. This function is enabled in the
single-chip mode or when the hold function is disabled.
HRQ
Hold request input pin. This function is enabled when both the external bus
and the hold functions are enabled.
13
15
P35
I
General I/O port with programmable pullup. This function is enabled in the
single-chip mode or when the hold function is disabled.
HAK
Hold acknowledge output pin. This function is enabled when both the external
bus and the hold functions are enabled.
14
16
P36
I
General I/O port with programmable pullup. This function is enabled in the
single-chip mode or when the external ready function is disabled.
RDY
Ready input pin. This function is enabled when both the external bus and the
external ready functions are enabled.
15
17
P37
H
General I/O port with programmable pullup. This function is enabled in the
single-chip mode or when the CLK output is disabled.
CLK
CLK output pin. This function is enabled when both the external bus and CLK
outputs are enabled.
16
18
P40
G
General I/O port. This function is enabled when UART0 disables the serial
data output.
SOT0
Serial data output pin for UART0. This function is enabled when UART0
enables the serial data output.
17
19
P41
G
General I/O port. This function is enabled when UART0 disables serial clock
output.
SCK0
Serial clock I/O pin for UART0. This function is enabled when UART0 enables
the serial clock output.
18
20
P42
G
General I/O port. This function is always enabled.
SIN0
Serial data input pin for UART0. Set the corresponding Port
Direction Register to input if this function is used.
19
21
P43
G
General I/O port. This function is always enabled.
SIN1
Serial data input pin for UART1. Set the corresponding Port
Direction Register to input if this function is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com