전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAP70-05 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 BAP70-05
상세설명  Silicon PIN diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP70-05 데이터시트(HTML) 3 Page - NXP Semiconductors

  BAP70-05 Datasheet HTML 1Page - NXP Semiconductors BAP70-05 Datasheet HTML 2Page - NXP Semiconductors BAP70-05 Datasheet HTML 3Page - NXP Semiconductors BAP70-05 Datasheet HTML 4Page - NXP Semiconductors BAP70-05 Datasheet HTML 5Page - NXP Semiconductors BAP70-05 Datasheet HTML 6Page - NXP Semiconductors BAP70-05 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
9397 750 12811
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 5 April 2004
3 of 7
Philips Semiconductors
BAP70-05
Silicon PIN diode
rD
diode forward resistance
f = 100 MHz; see Figure 2
IF = 0.5 mA
-
77
100
Ω
IF = 1 mA
-
40
50
Ω
IF =10mA
-
5.4
7
Ω
IF = 100 mA
-
1.4
1.9
Ω
τL
charge carrier life time
when switched from IF = 10 mA to
IR = 6 mA; RL = 100 Ω; measured
at IR =3mA
-
1.25
-
µs
LS
series inductance
IF = 100 mA; f = 100 MHz
-
1.4
-
nH
Table 6:
Electrical characteristics …continued
Tj =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
f = 1 MHz; Tj =25 °C.
f = 100 MHz; Tj =25 °C.
Fig 1.
Diode capacitance as a function of reverse
voltage; typical values.
Fig 2.
Diode forward resistance as a function of
forward current; typical values.
VR (V)
020
15
510
001aaa519
200
400
600
Cd
(fF)
0
IF (mA)
10−1
102
10
1
mcd769
10
1
102
rD
(
Ω)
10−1



Html Pages

1 2 3 4 5 6 7