전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTST-M140TLKT 데이터시트(PDF) 2 Page - Lite-On Technology Corporation

부품명 LTST-M140TLKT
상세설명  SMD LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITEON [Lite-On Technology Corporation]
홈페이지  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-M140TLKT 데이터시트(HTML) 2 Page - Lite-On Technology Corporation

  LTST-M140TLKT Datasheet HTML 1Page - Lite-On Technology Corporation LTST-M140TLKT Datasheet HTML 2Page - Lite-On Technology Corporation LTST-M140TLKT Datasheet HTML 3Page - Lite-On Technology Corporation LTST-M140TLKT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-M140TLKT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-M140TLKT Datasheet HTML 6Page - Lite-On Technology Corporation LTST-M140TLKT Datasheet HTML 7Page - Lite-On Technology Corporation LTST-M140TLKT Datasheet HTML 8Page - Lite-On Technology Corporation LTST-M140TLKT Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1/12
Part No. : LTST-M140TLKT
BNS-OD-FC002/A4
SMD LED
LTST-M140TLKT
1. Description
SMD LEDs from Lite-On are available in miniature sizes and special configurations for automated PC board assembly and
space-sensitive applications. These SMD LEDs are suitable for use in a wide variety of electronic equipment, including cordless
and cellular phones, notebook computers, network systems, home appliances, and indoor signboard applications.
1.1 Features
Meet ROHS
Package in 12mm tape on 7" diameter reels
EIA STD package
I.C. compatible
Compatible with automatic placement equipment
Compatible with infrared reflow solder process
Preconditioning: accelerate to JEDEC level 3
1.2 Applications
Telecommunication, Office automation, home appliances,
industrial equipment
Status indicator
Signal and Symbol Luminary
Front panel backlighting
2. Package Dimensions
Part No.
Lens Color
Source Color
LTST-M140TLKT
Water Clear
InGaN Blue
Notes:
1.
All dimensions are in millimeters.
2.
Tolerance is ±0.2 mm (.008") unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com