전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PSOC4200D 데이터시트(PDF) 13 Page - Cypress Semiconductor

부품명 PSOC4200D
상세설명  Programmable System-on-Chip (PSoC짰)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4200D 데이터시트(HTML) 13 Page - Cypress Semiconductor

Back Button PSOC4200D Datasheet HTML 9Page - Cypress Semiconductor PSOC4200D Datasheet HTML 10Page - Cypress Semiconductor PSOC4200D Datasheet HTML 11Page - Cypress Semiconductor PSOC4200D Datasheet HTML 12Page - Cypress Semiconductor PSOC4200D Datasheet HTML 13Page - Cypress Semiconductor PSOC4200D Datasheet HTML 14Page - Cypress Semiconductor PSOC4200D Datasheet HTML 15Page - Cypress Semiconductor PSOC4200D Datasheet HTML 16Page - Cypress Semiconductor PSOC4200D Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
PSoC® 4: PSoC 4200D Family
Datasheet
Document Number: 001-98044 Rev. *C
Page 13 of 28
SID62
VOL
Output voltage low level
–
–
0.6
V
IOL = 8mA at 3V
VDDD
SID62A
VOL
Output voltage low level
–
–
0.4
V
IOL = 3mA at 3V
VDDD
SID63
RPULLUP
Pull-up resistor
3.5
5.6
8.5
kΩ
SID64
RPULLDOWN
Pull-down resistor
3.5
5.6
8.5
kΩ
SID65
IIL
Input leakage current (absolute value)
–
–
2
nA
25 °C, VDDD =
3.0 V
SID66
CIN
Input capacitance
–
–
7
pF
SID67
VHYSTTL
Input hysteresis LVTTL
25
40
–
mV
VDDD  2.7 V
SID68
VHYSCMOS
Input hysteresis CMOS
0.05 ×
VDDD
––
mV
SID69
IDIODE
Current through protection diode to
VDD/Vss
–
–
100
µA
Guaranteed by
characterization
SID69A
ITOT_GPIO
Maximum Total Source or Sink Chip
Current
–
–
200
mA
Guaranteed by
characterization
Table 5. GPIO DC Specifications (continued)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
Note
3. Simultaneous switching transitions on many fully-loaded GPIO pins may cause ground perturbations depending on several factors including PCB and decoupling
capacitor design. For applications that are very sensitive to ground perturbations, the slower GPIO slew rate setting may be used.
Table 6. GPIO AC Specifications
(Guaranteed by Characterization)[3]
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID70
TRISEF
Rise time in fast strong mode
2
–
12
ns
3.3 V VDDD,
Cload = 25 pF
SID71
TFALLF
Fall time in fast strong mode
2
–
12
ns
3.3 V VDDD,
Cload = 25 pF
SID72
TRISES
Rise time in slow strong mode
10
–
60
ns
3.3 V VDDD,
Cload = 25 pF
SID73
TFALLS
Fall time in slow strong mode
10
–
60
ns
3.3 V VDDD,
Cload = 25 pF
SID74
FGPIOUT1
GPIO Fout;3.3 V
 VDDD 5.5 V. Fast
strong mode.
–
–
33
MHz
90/10%, 25 pF
load, 60/40 duty
cycle
SID75
FGPIOUT2
GPIO Fout;1.7 V
VDDD3.3 V. Fast
strong mode.
–
–
16.7
MHz
90/10%, 25 pF
load, 60/40 duty
cycle
SID76
FGPIOUT3
GPIO Fout;3.3 V
VDDD 5.5 V. Slow
strong mode.
–
–
7
MHz
90/10%, 25 pF
load, 60/40 duty
cycle
SID245
FGPIOUT4
GPIO Fout;1.7 V
VDDD 3.3 V. Slow
strong mode.
–
–
3.5
MHz
90/10%, 25 pF
load, 60/40 duty
cycle
SID246
FGPIOIN
GPIO input operating frequency;
1.71 V
VDDD 5.5 V
–
–
48
MHz
90/10% VIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com