전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH2400FAR 데이터시트(PDF) 3 Page - OSRAM GmbH

부품명 SFH2400FAR
상세설명  Silicon PIN Photodiode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2400FAR 데이터시트(HTML) 3 Page - OSRAM GmbH

  SFH2400FAR Datasheet HTML 1Page - OSRAM GmbH SFH2400FAR Datasheet HTML 2Page - OSRAM GmbH SFH2400FAR Datasheet HTML 3Page - OSRAM GmbH SFH2400FAR Datasheet HTML 4Page - OSRAM GmbH SFH2400FAR Datasheet HTML 5Page - OSRAM GmbH SFH2400FAR Datasheet HTML 6Page - OSRAM GmbH SFH2400FAR Datasheet HTML 7Page - OSRAM GmbH SFH2400FAR Datasheet HTML 8Page - OSRAM GmbH SFH2400FAR Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Version 1.5
SFH 2400 FAR
2016-04-01
3
Temperature coefficient of VO
(typ)
TCV
-2.6
mV / K
Temperature coefficient of ISC
(λ = 870 nm)
(typ)
TCI
0.1
% / K
Noise equivalent power
(V
R = 20 V, λ = 870 nm)
(typ)
NEP
0.028
pW /
Hz½
Detection limit
(VR = 20 V, λ = 870 nm)
(typ)
D*
3.6e12
cm x
Hz
½ / W
Relative Spectral Sensitivity 1) page 12
Srel = f(λ)
Photocurrent / Open-Circuit Voltage 1) page 12
IP (VR = 5 V) / VO = f(Ee)
Parameter
Symbol
Values
Unit
λ
OHF01773
0
rel
S
400
600
800
1000
1200
20
40
60
80
%
100
nm
E
OHF01765
e
0
10
P
Ι
-2
10
10
1
10
2
10
4
10
-1
10
0
10
1
10
2
4
10
3
10
2
10
1
10
10
0
V
O
µA
mV
Ι
P
V
O
2
W/cm
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13