전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH205FA 데이터시트(PDF) 6 Page - OSRAM GmbH

부품명 SFH205FA
상세설명  Silicon PIN Photodiode with Daylight Blocking Filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH205FA 데이터시트(HTML) 6 Page - OSRAM GmbH

  SFH205FA Datasheet HTML 1Page - OSRAM GmbH SFH205FA Datasheet HTML 2Page - OSRAM GmbH SFH205FA Datasheet HTML 3Page - OSRAM GmbH SFH205FA Datasheet HTML 4Page - OSRAM GmbH SFH205FA Datasheet HTML 5Page - OSRAM GmbH SFH205FA Datasheet HTML 6Page - OSRAM GmbH SFH205FA Datasheet HTML 7Page - OSRAM GmbH SFH205FA Datasheet HTML 8Page - OSRAM GmbH SFH205FA Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2015-12-23
6
Version 1.3
SFH 205 FA
Approximate Weight:
0.3 g
Note
Packing information is available on the internet (online product catalog).
Recommended Solder Pad
Dimensions in mm.
Note:
pad 1: anode



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com