전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESD15VL 데이터시트(PDF) 2 Page - Micro Commercial Components

부품명 ESD15VL
상세설명  ESD Protection Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ESD15VL 데이터시트(HTML) 2 Page - Micro Commercial Components

  ESD15VL Datasheet HTML 1Page - Micro Commercial Components ESD15VL Datasheet HTML 2Page - Micro Commercial Components ESD15VL Datasheet HTML 3Page - Micro Commercial Components ESD15VL Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.mccsemi.com
Revision: A
2017/07/14
2 of 4
Electrical Characteristics (TA=25°C unless otherwise specified)
Micro Commercial Components
M C C
R
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Working Voltage
VRWM
15
V
Pin 1 to Pin 2
Breakdown Voltage
VBR
16.7
20
V
IT = 1mA, Pin 1 to Pin 2
Reverse Leakage Current
IR
0.5
µA
VRWM = 15V, Pin 1 to Pin 2
Forward Voltage
VF
0.8
1.2
V
IF = 10mA, Pin 2 to Pin 1
Clamping Voltage
VC
22
V
IPP = 1A (8 x 20µs pulse), Pin 1 to
Pin 2
Clamping Voltage
VC
30
V
IPP = 10A (8 x 20µs pulse), Pin 1
to Pin 2
Junction Capacitance
CJ
65
pF
VR = 0V, f = 1MHz



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com