| 전자부품 데이터시트 검색엔진 |
|
AP1609 데이터시트(PDF) 2 Page - Anachip Corp |
|
|
|||||||||||||||||||||||||||||
AP1609 데이터시트(HTML) 2 Page - Anachip Corp |
|
2 / 8 page ![]() AP1609 PWM/PFM Dual Mode Step-up DC/DC Converter Anachip Corp. www.anachip.com.tw Rev.1.2 Mar.25, 2005 2/8 Ordering Information AP1609 X X S : SOP-8L TS: TSSOP-8L Packing A : Taping Package Block Diagrams Phase Compensation Vref with CE + - PWM/PFM Controller + - Ramp Wave Generator, OSC Buffer, Driver FB CE PGND LX PWM Comparator GND Vcc Absolute Maximum Ratings Ta=25 oC Parameter Symbol Ratings Units VIN Pin Voltage VCC -0.3 ~ 7 V FB Pin Voltage VFB -0.3 ~ VCC+0.3 V CE Pin Voltage VCE -0.3 ~ VCC+0.3 V Switch Voltage (LX to GND) VSW -0.3 ~ 18 V Switch Current ILX -3 ~ 0.2 A SOP-8L 1200 Continuous Total Power Dissipation Pd TSSOP-8L 700 mW Operating Ambient Temperature Topr -20 ~ +80 oC Storage Temperature Tstg -20 ~ +125 oC |