전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH9206-5/6 데이터시트(PDF) 14 Page - OSRAM GmbH

부품명 SFH9206-5/6
상세설명  Reflective Interrupter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9206-5/6 데이터시트(HTML) 14 Page - OSRAM GmbH

Back Button SFH9206-5/6 Datasheet HTML 7Page - OSRAM GmbH SFH9206-5/6 Datasheet HTML 8Page - OSRAM GmbH SFH9206-5/6 Datasheet HTML 9Page - OSRAM GmbH SFH9206-5/6 Datasheet HTML 10Page - OSRAM GmbH SFH9206-5/6 Datasheet HTML 11Page - OSRAM GmbH SFH9206-5/6 Datasheet HTML 12Page - OSRAM GmbH SFH9206-5/6 Datasheet HTML 13Page - OSRAM GmbH SFH9206-5/6 Datasheet HTML 14Page - OSRAM GmbH SFH9206-5/6 Datasheet HTML 15Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
2015-12-22
14
Version 1.5
SFH 9206
Glossary
1) Thermal resistance: Mounting on PC-board with > 5 mm2 pad size
2) I
C as a function of the forward current of the emitting diode, the degree of reflection and the distance between
reflector and component (d)
3) Typical Values: Due to the special conditions of the manufacturing processes of LED, the typical data or
calculated correlations of technical parameters can only reflect statistical figures. These do not necessarily
correspond to the actual parameters of each single product, which could differ from the typical data and calculated
correlations or the typical characteristic line. If requested, e.g. because of technical improvements, these typ. data
will be changed without any further notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15