| 전자부품 데이터시트 검색엔진 |
|
MB9AB40NB 데이터시트(PDF) 13 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB9AB40NB 데이터시트(HTML) 13 Page - Cypress Semiconductor |
|
13 / 128 page ![]() Document Number: 002-05631 Rev *B Page 13 of 128 MB9AB40NB Series LBC112 (TOP VIEW) P4A MD0 X0 X1 VSS MD1 VSS VCC L VSS C X0A VSS P41 P45 J VCC P3F VSS P40 AN00 K VCC VSS X1A INITX P42 P48 P4B P4E P43 P49 P4D AN02 VSS AN01 AN07 AN06 AVSS H P3B P3C P3E VSS P44 P4C G P37 P38 P3A P3D AN08 AN05 VSS AN04 AN03 AVCC AN11 F P34 P35 P36 P39 AN13 AN10 AN09 AVRH E P30 P31 P32 P33 Index AN17 AN14 AN12 VSS AN19 AN18 D P53 P54 P55 VSS AN15 P56 P63 P0A VSS AN21 AN16 C P50 P51 VSS P60 P62 P0D P09 AN20 B VCC VSS P52 P61 P0F P0C AN23 TDO/ SWO P0B AN22 TMS/ SWDIO TRSTX VCC VSS TCK/ SWCLK VSS TDI 9 10 11 A VSS UDP0 UDM0 VCC P0E 1 2 3 4 5 6 7 8 PFBGA - 112 Note: − The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. |