| 전자부품 데이터시트 검색엔진 |
|
MB9B110R 데이터시트(PDF) 13 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB9B110R 데이터시트(HTML) 13 Page - Cypress Semiconductor |
|
13 / 117 page ![]() Document Number: 002-05622 Rev. *D Page 13 of 117 MB9B110R Series 4. List of Pin Functions List of pin numbers The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. Pin No Pin Name I/O circuit type Pin state type LQFP-100 FBGA-112 LQFP-120 QFP-100 1 B1 1 79 VCC - 2 C1 2 80 P50 E H INT00_0 AIN0_2 SIN3_1 RTO10_0 (PPG10_0) MADATA00_0 3 C2 3 81 P51 E H INT01_0 BIN0_2 SOT3_1 (SDA3_1) RTO11_0 (PPG10_0) MADATA01_0 4 B3 4 82 P52 E H INT02_0 ZIN0_2 SCK3_1 (SCL3_1) RTO12_0 (PPG12_0) MADATA02_0 5 D1 5 83 P53 E H SIN6_0 TIOA1_2 INT07_2 RTO13_0 (PPG12_0) MADATA03_0 6 D2 6 84 P54 E I SOT6_0 (SDA6_0) TIOB1_2 RTO14_0 (PPG14_0) MADATA04_0 |