| 전자부품 데이터시트 검색엔진 |
|
MB9B320M 데이터시트(PDF) 46 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB9B320M 데이터시트(HTML) 46 Page - Cypress Semiconductor |
|
46 / 108 page ![]() Document Number: 002-05652 Rev. *D Page 46 of 108 MB9B320M Series Memory Map (2) Refer to the programming manual for the detail of Flash main area. MB9AB40N/A40N/340N/140N/150R,MB9B520M/320M/120M Series Flash Programming Manual MB9BF324K/L/M MB9BF322K/L/M MB9BF321K/L/M 0x2008_0000 0x2008_0000 0x2008_0000 0x2000_4000 0x2000_2000 0x2000_2000 0x2000_0000 0x2000_0000 0x2000_0000 0x1FFF_E000 0x1FFF_E000 0x1FFF_C000 0x0020_8000 0x0020_8000 0x0020_8000 SA7(8KB) SA7(8KB) SA7(8KB) SA6(8KB) SA6(8KB) SA6(8KB) SA5(8KB) SA5(8KB) SA5(8KB) 0x0020_0000 SA4(8KB) 0x0020_0000 SA4(8KB) 0x0020_0000 SA4(8KB) 0x0010_4000 0x0010_4000 0x0010_4000 0x0010_2000 CR trimming 0x0010_2000 CR trimming 0x0010_2000 CR trimming 0x0010_0000 Security 0x0010_0000 Security 0x0010_0000 Security 0x0004_0000 0x0002_0000 0x0001_0000 SA3(8KB) SA3(8KB) SA3(8KB) 0x0000_0000 SA2(8KB) 0x0000_0000 SA2(8KB) 0x0000_0000 SA2(8KB) SA8(48KB) SA8(48KB) SA8(48KB) Reserved Reserved SA11(64KB) SA10(64KB) SA9(64KB) SA9(64KB) Reserved Reserved Reserved Reserved SRAM1 8Kbytes SRAM1 8Kbytes SRAM0 8Kbytes SRAM0 8Kbytes Reserved Reserved SRAM0 16Kbytes SRAM1 16Kbytes Reserved Reserved Reserved Reserved |