| 전자부품 데이터시트 검색엔진 |
|
MB90387 데이터시트(PDF) 47 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90387 데이터시트(HTML) 47 Page - Cypress Semiconductor |
|
47 / 82 page ![]() Document Number: 002-07765 Rev. *A Page 46 of 81 MB90387/387S/F387/F387S MB90V495G 8/10-bit A/D Converter Block Diagram INTE INT PAUS STS1 STS0 STRT BUSY ANS2 MD0 ANS1 ANS0 ANE2 ANE1 ANE0 MD1 AVR AVcc AVss AN0 AN1 AN2 AN3 AN4 AN5 AN6 AN7 TO ADTG ST0 ST1 CT1 CT0 D9 D8 S10 D5 D6 D4 D3 D2 D1 D0 D7 2 6 2 2 2 Re- served Interrupt request output A/D control status register (ADCS) Activation selector Decoder Control circuit Sample& hold circuit Comparator Analog channel selector D/A converter A/D data register (ADCR) TO : Internal timer output : Not defined Reserved: Be sure to set to “0” : Machine clock |