| 전자부품 데이터시트 검색엔진 |
|
MB91F525BKBPMC1 데이터시트(PDF) 46 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F525BKBPMC1 데이터시트(HTML) 46 Page - Cypress Semiconductor |
|
46 / 280 page ![]() Document Number: 002-04662 Rev. *F Page 46 of 280 MB91520 Series Notes When Writing Data in a Register Having the Status Flag When writing data in the register that has a status flag (especially, an interrupt request flag) to control function, taking care not to clear its status flag erroneously must be followed. The program must be written not to clear the flag to the status bit, and then to set the control bits to have the desired value. Especially, if multiple control bits are used, the bit instruction cannot be used. (The bit instruction can access to a single bit only.) By the Byte, Half-word, or Word access, data is written to the control bits and status flag simultaneously. During this time, take care not to clear other bits (in this case, the bits of status flag) erroneously. Note: These points can be ignored because the bit instructions are already taken the points into consideration. |