전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB91F525DHDPMC 데이터시트(PDF) 90 Page - Cypress Semiconductor

부품명 MB91F525DHDPMC
상세설명  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525DHDPMC 데이터시트(HTML) 90 Page - Cypress Semiconductor

Back Button MB91F525DHDPMC Datasheet HTML 86Page - Cypress Semiconductor MB91F525DHDPMC Datasheet HTML 87Page - Cypress Semiconductor MB91F525DHDPMC Datasheet HTML 88Page - Cypress Semiconductor MB91F525DHDPMC Datasheet HTML 89Page - Cypress Semiconductor MB91F525DHDPMC Datasheet HTML 90Page - Cypress Semiconductor MB91F525DHDPMC Datasheet HTML 91Page - Cypress Semiconductor MB91F525DHDPMC Datasheet HTML 92Page - Cypress Semiconductor MB91F525DHDPMC Datasheet HTML 93Page - Cypress Semiconductor MB91F525DHDPMC Datasheet HTML 94Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 90 of 280
MB91520 Series
Address
Address offset value / Register name
Block
+0
+1
+2
+3
0018B8H
SCR9/(IBCR9) [R/W]
B,H,W
0--00000
SMR9[R/W] B,H,W
000-00-0
SSR9[R/W] B,H,W
0-000011
ESCR9/(IBSR9)[R/W
] B,H,W
00000000
Multi-UART9
*1: Byte access is possible
only for access to lower 8
bits.
*2: Reserved because I2C
mode is not set immediately
after reset.
*3: Reserved because CSIO
mode is not set immediately
after reset.
*4: Reserved because
LIN2.1 mode is not set
immediately after reset.
0018BCH
― /(RDR19/(TDR19))[R/W] B,H,W
-------- -------- *3
RDR09/(TDR09)[R/W] B,H,W
-------0 00000000 *1
0018C0H
SACSR9[R/W] B,H,W
0----000 00000000
STMR9[R] B,H,W
00000000 00000000
0018C4H
STMCR9[R/W] B,H,W
00000000 00000000
― /(SCSCR9/SFUR9)[R/W] B,H,W
-------- -------- *3 *4
0018C8H
― /(SCSTR39)/
(LAMSR9)
[R/W] B,H,W
-------- *3
― /(SCSTR29)/
(LAMCR9)
[R/W] B,H,W
-------- *3
― /(SCSTR19)/
(SFLR19)
[R/W] B,H,W
-------- *3
― /(SCSTR09)/
(SFLR09)
[R/W] B,H,W
-------- *3
0018CCH
―
― /(SCSFR29)
[R/W] B,H,W
-------- *3
― /(SCSFR19)
[R/W] B,H,W
-------- *3
― /(SCSFR09)
[R/W] B,H,W
-------- *3
0018D0H
―/(TBYTE39)/
(LAMESR9)
[R/W] B,H,W
-------- *3
―/(TBYTE29)/
(LAMERT9)
[R/W] B,H,W
-------- *3
―/(TBYTE19)/
(LAMIER9)
[R/W] B,H,W
-------- *3
TBYTE09/(LAMRID9)
/
(LAMTID9)
[R/W] B,H,W
00000000
0018D4H
BGR9[R/W] H, W
00000000 00000000
― /(ISMK9)[R/W]
B,H,W
-------- *2
― /(ISBA9)[R/W]
B,H,W
-------- *2
0018D8H
FCR19[R/W]
B,H,W
---00100
FCR09[R/W]
B,H,W
-0000000
FBYTE9[R/W] B,H,W
00000000 00000000
0018DCH
FTICR9[R/W] B,H,W
00000000 00000000
―
―
0018E0H
SCR10/(IBCR10)
[R/W] B,H,W
0--00000
SMR10[R/W] B,H,W
000-00-0
SSR10[R/W] B,H,W
0-000011
ESCR10/(IBSR10)
[R/W] B,H,W
00000000
Multi-UART10
*1: Byte access is possible
only for access to lower 8
bits.
*2: Reserved because I2C
mode is not set immediately
after reset.
0018E4H
― /(RDR110/(TDR110))[R/W] B,H,W
-------- -------- *3
RDR010/(TDR010)[R/W] B,H,W
-------0 00000000 *1
0018E8H
SACSR10[R/W] B,H,W
0----000 00000000
STMR10[R] B,H,W
00000000 00000000
0018ECH
STMCR10[R/W] B,H,W
00000000 00000000
― /(SCSCR10/SFUR10)[R/W] B,H,W
-------- -------- *3 *4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com