전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M95080-DW6 데이터시트(PDF) 20 Page - STMicroelectronics

부품명 M95080-DW6
상세설명  16Kbit and 8Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95080-DW6 데이터시트(HTML) 20 Page - STMicroelectronics

Back Button M95080-DW6 Datasheet HTML 16Page - STMicroelectronics M95080-DW6 Datasheet HTML 17Page - STMicroelectronics M95080-DW6 Datasheet HTML 18Page - STMicroelectronics M95080-DW6 Datasheet HTML 19Page - STMicroelectronics M95080-DW6 Datasheet HTML 20Page - STMicroelectronics M95080-DW6 Datasheet HTML 21Page - STMicroelectronics M95080-DW6 Datasheet HTML 22Page - STMicroelectronics M95080-DW6 Datasheet HTML 23Page - STMicroelectronics M95080-DW6 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
M95160, M95080
20/40
POWER-UP AND DELIVERY STATE
Power-up State
After Power-up, the device is in the following state:
–
Standby Power mode
–
deselected (after Power-up, a falling edge is
required on Chip Select (S) before any
instructions can be started).
–
not in the Hold Condition
–
the Write Enable Latch (WEL) is reset to 0
–
Write In Progress (WIP) is reset to 0
The SRWD, BP1 and BP0 bits of the Status Reg-
ister are unchanged from the previous power-
down (they are non-volatile bits).
Initial Delivery State
The device is delivered with the memory array set
at all 1s (FFh). The Status Register Write Disable
(SRWD) and Block Protect (BP1 and BP0) bits are
initialized to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40