전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTST-T680UGWT 데이터시트(PDF) 2 Page - Lite-On Technology Corporation

부품명 LTST-T680UGWT
상세설명  SMD LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITEON [Lite-On Technology Corporation]
홈페이지  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-T680UGWT 데이터시트(HTML) 2 Page - Lite-On Technology Corporation

  LTST-T680UGWT Datasheet HTML 1Page - Lite-On Technology Corporation LTST-T680UGWT Datasheet HTML 2Page - Lite-On Technology Corporation LTST-T680UGWT Datasheet HTML 3Page - Lite-On Technology Corporation LTST-T680UGWT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-T680UGWT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-T680UGWT Datasheet HTML 6Page - Lite-On Technology Corporation LTST-T680UGWT Datasheet HTML 7Page - Lite-On Technology Corporation LTST-T680UGWT Datasheet HTML 8Page - Lite-On Technology Corporation LTST-T680UGWT Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1/11
Part No. : LTST-T680UGWT
BNS-OD-FC002/A4
SMD LED
LTST-T680UGWT
1. Description
SMD LEDs from Lite-On are available in miniature sizes and special configurations for automated PC board assembly and
space-sensitive applications. These SMD LEDs are suitable for use in a wide variety of electronic equipment, including cordless
and cellular phones, notebook computers, network systems, home appliances, and indoor signboard applications.
.
1.1 Features
Meet ROHS
Package in 8mm tape on 7" diameter reels
EIA STD package
I.C. compatible
Compatible with automatic placement equipment
Compatible with infrared reflow solder process
Preconditioning: accelerate to JEDEC level 3
1.2 Applications
Telecommunication, Office automation, home appliances,
industrial equipment
Status indicator
Signal and Symbol Luminary
Front panel backlighting
2. Package Dimensions
Part No.
Lens Color
Source Color
LTST-T680UGWT
Diffused
InGaN Green
Notes:
1.
All dimensions are in millimeters.
2.
Tolerance is ±0.2 mm (.008") unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com