전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GFCSHPM2.24 데이터시트(PDF) 1 Page - OSRAM GmbH

부품명 GFCSHPM2.24
상세설명  OSLON SSL 150
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GFCSHPM2.24 데이터시트(HTML) 1 Page - OSRAM GmbH

  GFCSHPM2.24 Datasheet HTML 1Page - OSRAM GmbH GFCSHPM2.24 Datasheet HTML 2Page - OSRAM GmbH GFCSHPM2.24 Datasheet HTML 3Page - OSRAM GmbH GFCSHPM2.24 Datasheet HTML 4Page - OSRAM GmbH GFCSHPM2.24 Datasheet HTML 5Page - OSRAM GmbH GFCSHPM2.24 Datasheet HTML 6Page - OSRAM GmbH GFCSHPM2.24 Datasheet HTML 7Page - OSRAM GmbH GFCSHPM2.24 Datasheet HTML 8Page - OSRAM GmbH GFCSHPM2.24 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2017-03-13
1
2017-03-13
Datasheet
Version 2.3
GF CSHPM2.24
New, higher performing OSLON SSL family LED with
well known superior robustness, high reliability, long
lifetime, low thermal resistance. Perfectly addressing
applications demanding for high efficiency and long
lifetime requirement.
Neue leistungsstärkere LED aus der OSLON SSL
Familie mit altbekannter hoher Robustheit und
Zuverlässigkeit, mit langer Lebensdauer und geringem
thermischem Widerstand. Speziell entwickelt für
Applikationen, bei denen hohe Effizient und lange
Lebensdauer gefragt ist.
Features:
Besondere Merkmale:
•
Package: SMT ceramic package with silicone resin
and silicone lens
•
Gehäusetyp: SMT-Keramikgehäuse mit
Silikonverguss und -linse
•
Viewing angle at 50 % I
V: 150°
•
Abstrahlwinkel bei 50 % I
V: 150°
•
Color: 730 nm (far-red)
•
Farbe: 730 nm (far-red)
•
Radiant Flux: typ. 317 mW
•
Strahlungsfluss: typ. 317 mW
•
Radiant Efficiency: typ. 46 %
•
Lichtausbeute: typ. 46 %
•
Corrosion Robustness: Superior Corrosion
Robustness
•
Korrosionsstabilität: Höchste
Korrosionsbeständigkeit
•
Lumen Maintenance: Test results according to
IESNA LM-80 available
•
Lichtstromerhaltung: Testergebnisse nach
IESNA LM-80 verfügbar
Applications
Anwendungen
•
Horticultural Lighting
•
Gewächshausbeleuchtung
OSLON
® SSL 150


유사한 부품 번호 - GFCSHPM2.24

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
GFCS8PM2.24 OSRAM-GFCS8PM2.24 Datasheet
1Mb / 22P
OSLON SSL 80
GFCS8PM2.24-4S2T-1 OSRAM-GFCS8PM2.24-4S2T-1 Datasheet
1Mb / 22P
OSLON SSL 80
logo
ams AG
GFCSBPM2.24 AMSCO-GFCSBPM2.24 Datasheet
1Mb / 22P
new member of the family, OSLON® Square Far Red has a unique innovative radiation pattern to illuminate plants evenly for uniform growth while reducing number of luminaires and lowering overall cost.
Version 1.1 2023-03-20
logo
OSRAM GmbH
GFCSBPM2.24 OSRAM-GFCSBPM2.24 Datasheet
1Mb / 22P
A new member of the family, OSLON® Square Far Red has a unique innovative radiation pattern to illuminate plants evenly for uniform growth while reducing number of luminaires and lowering overall cost.
Version 1.2 2023-08-02
logo
ams AG
GFCSBPM2.24-TNUJ-1-1 AMSCO-GFCSBPM2.24-TNUJ-1-1 Datasheet
1Mb / 22P
new member of the family, OSLON® Square Far Red has a unique innovative radiation pattern to illuminate plants evenly for uniform growth while reducing number of luminaires and lowering overall cost.
Version 1.1 2023-03-20
More results

유사한 설명 - GFCSHPM2.24

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
GHCSHPM1.24 OSRAM-GHCSHPM1.24 Datasheet
1Mb / 22P
OSLON SSL 150
GTCS8PM1.13 OSRAM-GTCS8PM1.13 Datasheet
1Mb / 22P
OSLON SSL 80
GTCSHPM1.13 OSRAM-GTCSHPM1.13 Datasheet
1Mb / 22P
OSLON SSL 150
GTCSSPM1.13 OSRAM-GTCSSPM1.13 Datasheet
2Mb / 22P
OSLON SSL 120
LUWCRDP OSRAM-LUWCRDP Datasheet
2Mb / 24P
OSLON SSL 150
GHCS8PM1.24 OSRAM-GHCS8PM1.24 Datasheet
1Mb / 22P
OSLON SSL 80
GFCS8PM2.24 OSRAM-GFCS8PM2.24 Datasheet
1Mb / 22P
OSLON SSL 80
GDCSHPM1.14 OSRAM-GDCSHPM1.14 Datasheet
1Mb / 22P
OSLON SSL 150
GACSHPM1.23 OSRAM-GACSHPM1.23 Datasheet
1Mb / 22P
OSLON SSL 150
GACSSPM1.23 OSRAM-GACSSPM1.23 Datasheet
1Mb / 22P
OSLON SSL 120
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com