전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PEM002-MIM 데이터시트(PDF) 1 Page - Pasternack Enterprises, Inc.

부품명 PEM002-MIM
상세설명  60 GHz Receiver (Rx) Waveguide Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEM002-MIM 데이터시트(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEM002-MIM Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 5Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 6Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 7Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 8Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 9Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TECHNICAL DATA SHEET
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 60 GHz Receiver (Rx) Waveguide Module PEM002-MIM
PEM002-MIM
60 GHz Receiver (Rx) Waveguide Module
1
The PEM002 is a highly integrated millimeter wave receiver that covers the 60 GHz global unlicensed spectrum allocations
packaged in a standard waveguide module. Receiver architecture is a double conversion, sliding IF with wide bandwidth
capability through the conversion chain down to baseband. The I/Q analog interface along with built-in AM and FM detectors
provides for flexibility in design and applications. The receiver incorporates a complete waveguide interface with low-loss
transition between the chip and the WR15 waveguide port. The integrated package is small and lightweight, with a simple
to use multi-pin ST4 connector for power, reference clock, digital control port and baseband signals. Either of two reference
clocks can be used for setting 540 MHz or 500 MHz channel spacing.
Features:
• Complete millimeter wave receiver
• WR-15, UG-385/U flange
• Operates in the 57 to 66 GHz unlicensed band
• 6 dB noise figure
• Up to 1.8 GHz modulation bandwidth
• I/Q analog baseband interface
• Integrated AM/ASK and FM/FSK detectors
• On chip synthesizer covers 57 to 64.8 GHz
• 500 MHz or 540 MHz step size
• 285.714 MHz clock for 500 MHz step size
• 308.572 MHz clock for 540 MHz step size
• Power, control, signals on ST4 connector
• Temperature sensor
Applications
• 802.11ad: 58.32, 60.48, 62.64, 64.80 GHz
• 802.11aj: 59.94, 61.02, 62.10, 63.18 GHz
• Any Channel (500 MHz or 540 MHz) 57-64.8 GHz
• Multi-Gbps Digital Communications
• HD Video Transmission
• Millimeter Wave Radar
• Millimeter Wave Radiometry
• Millimeter Wave Imaging
• Microwave Temperature Profiling (MTP)
• Development for 802.11ad and 802.11aj
• ATE Equipment for 60 GHz Manufacturing Test


유사한 부품 번호 - PEM002-MIM

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PEM002 PASTERNACK-PEM002 Datasheet
377Kb / 18P
60 GHz Receiver Rx Waveguide Module
More results

유사한 설명 - PEM002-MIM

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PEM001 PASTERNACK-PEM001 Datasheet
377Kb / 18P
60 GHz Transmitter Tx Waveguide Module
PE6836 PASTERNACK-PE6836 Datasheet
353Kb / 2P
60 Watts Medium Power WR-62 Waveguide Load 12.4 GHz to 18 GHz
PEM002 PASTERNACK-PEM002 Datasheet
377Kb / 18P
60 GHz Receiver Rx Waveguide Module
PEWIR1001 PASTERNACK-PEWIR1001 Datasheet
598Kb / 5P
WR-12 Waveguide Isolator from 60 GHz to 90 GHz, 25 dB min Isolation
PEM001-MIM PASTERNACK-PEM001-MIM Datasheet
359Kb / 18P
60 GHz Transmitter (Tx) Waveguide Module
PEM010 PASTERNACK-PEM010 Datasheet
1Mb / 18P
60 GHz Transmitter (Tx) Waveguide Module
PE-W12TR1001 PASTERNACK-PE-W12TR1001 Datasheet
407Kb / 3P
0.6 Watts Instrumentation Grade WR-12 Waveguide Load 60 GHz to 90 GHz
PE-W19TR1001 PASTERNACK-PE-W19TR1001 Datasheet
407Kb / 3P
2 Watts Instrumentation Grade WR-19 Waveguide Load 40 GHz to 60 GHz
logo
NXP Semiconductors
BTS7202H NXP-BTS7202H Datasheet
443Kb / 23P
2.3 GHz – 2.7 GHz RX Front-End Module
Rev. 2 - 8 September 2022
BTS7202U NXP-BTS7202U Datasheet
494Kb / 24P
3.3 GHz – 4.2 GHz RX Front-End Module
Rev. 6 - 2 February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com