전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT7350 데이터시트(PDF) 3 Page - Holtek Semiconductor Inc

부품명 HT7350
상세설명  Low Power Consumption LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7350 데이터시트(HTML) 3 Page - Holtek Semiconductor Inc

  HT7350 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7350 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7350 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7350 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7350 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7350 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7350 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7350 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7350 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Electrical Characteristics
HT7318, +1.8V Output Type
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VOUT
Output Voltage
2.8V
IOUT=40mA
1.746
1.8
1.854
V
IOUT(MAX)
Maximum Output Current
2.8V
VOUT
³1.62V
150
¾¾
mA
DVOUT*
Load Regulation
2.8V
1mA
£IOUT£60mA
¾
45
90
mV
VDROP**
Dropout Voltage
¾
IOUT=40mA
¾
170
¾
mV
ISS
Quiescent Current
2.8V
No load
¾
48
mA
Line Regulation
¾
IOUT=40mA
2.8V
£VIN£12V
¾
0.2
0.3
%/V
VIN
Input Voltage
¾¾
¾
¾
12
V
Temperature Coefficient
2.8V
IOUT=40mA
-40°C<Ta<85°C
¾±0.7
¾
ppm/
°C
HT7325, +2.5V Output Type
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VOUT
Output Voltage
3.5V
IOUT=40mA
2.425
2.5
2.575
V
IOUT(MAX)
Maximum Output Current
3.5V
VOUT
³2.25V
180
¾¾
mA
DVOUT*
Load Regulation
3.5V
1mA
£IOUT£60mA
¾
45
90
mV
VDROP**
Dropout Voltage
¾
IOUT=40mA
¾
110
¾
mV
ISS
Quiescent Current
3.5V
No load
¾
48
mA
Line Regulation
¾
IOUT=40mA
3.5V
£VIN£12V
¾
0.2
0.3
%/V
VIN
Input Voltage
¾¾
¾
¾
12
V
Temperature Coefficient
3.5V
IOUT=40mA
-40°C<Ta<85°C
¾±0.7
¾
ppm/
°C
HT7327, +2.7V Output Type
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VOUT
Output Voltage
3.7V
IOUT=40mA
2.619
2.7
2.781
V
IOUT(MAX)
Maximum Output Current
3.7V
VOUT
³2.43V
200
¾¾
mA
DVOUT*
Load Regulation
3.7V
1mA
£IOUT£80mA
¾
45
90
mV
VDROP**
Dropout Voltage
¾
IOUT=40mA
¾
100
¾
mV
ISS
Quiescent Current
3.7V
No load
¾
48
mA
Line Regulation
¾
IOUT=40mA
3.7V
£VIN£12V
¾
0.2
0.3
%/V
VIN
Input Voltage
¾¾
¾
¾
12
V
Temperature Coefficient
3.7V
IOUT=40mA
-40°C<Ta<85°C
¾±0.7
¾
ppm/
°C
HT73XX
Rev. 1.10
3
July 30, 2004
D V O U T
D V I N ´ V O U T
D V O U T
D T a
D V O U T
D V I N ´ V O U T
D V O U T
D T a
D V O U T
D T a
D V O U T
D V I N ´ V O U T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com