전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSK3003 데이터시트(PDF) 1 Page - Anaren Microwave

부품명 MSK3003
상세설명  THREE PHASE BRIDGE MOSFET POWER MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANAREN [Anaren Microwave]
홈페이지  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK3003 데이터시트(HTML) 1 Page - Anaren Microwave

  MSK3003 Datasheet HTML 1Page - Anaren Microwave MSK3003 Datasheet HTML 2Page - Anaren Microwave MSK3003 Datasheet HTML 3Page - Anaren Microwave MSK3003 Datasheet HTML 4Page - Anaren Microwave MSK3003 Datasheet HTML 5Page - Anaren Microwave MSK3003 Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES:
Pin Compatible with MPM3003
P and N Channel MOSFETs for Ease of Drive
Isolated Package for Direct Heat Sinking, Excellent Thermal Conductivity
Avalanche Rated Devices
Interfaces Directly with Most Brushless Motor Drive IC's
55 Volt, 10 Amp Full Three Phase Bridge
M.S.KENNEDY CORP.
THREE PHASE BRIDGE
MOSFET POWER MODULE
The MSK3003 is a three phase bridge power circuit packaged in a space efficient isolated ceramic tab power SIP
package. Consisting of P-Channel MOSFETs for the top transistors and N-Channel MOSFETs for the bottom transistors, the
MSK3003 will interface directly with most brushless motor drive IC's without special gate driving requirements. The
MSK3003 uses M.S.Kennedy's proven power hybrid technology to bring a cost effective high performance circuit for use
in today's sophisticated servo motor and disk drive systems. The MSK3003 is a replacement for the MPM3003 with only
minor differences in mechanical specifications.
DESCRIPTION:
EQUIVALENT SCHEMATIC
Three Phase Brushless DC Motor Servo Control
Disk Drive Spindle Control
Fin Actuator Control
Az-El Antenna Control
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
1
2
3
4
5
6
SOURCE 2,4,6
GATE 2
GATE 1
DRAIN 1,2
GATE 4
DRAIN 3,4
SOURCE 1,3,5
SOURCE 1,3,5
GATE 5
DRAIN 5,6
GATE 6
GATE 3
12
11
10
9
8
7
3003
1
MIL-PRF-38534 AND 38535 CERTIFIED FACILITY
8548-138 Rev. J 10/14


유사한 부품 번호 - MSK3003

제조업체부품명데이터시트상세설명
logo
M.S. Kennedy Corporatio...
MSK3003 MSK-MSK3003 Datasheet
323Kb / 5P
THREE PHASE BRIDGE MOSFET POWER MODULE
MSK3003 MSK-MSK3003_15 Datasheet
180Kb / 6P
Isolated Package for Direct Heat Sinking, Excellent Thermal Conductivity
More results

유사한 설명 - MSK3003

제조업체부품명데이터시트상세설명
logo
M.S. Kennedy Corporatio...
MSK3003 MSK-MSK3003 Datasheet
323Kb / 5P
THREE PHASE BRIDGE MOSFET POWER MODULE
MSK3001 MSK-MSK3001 Datasheet
317Kb / 5P
THREE PHASE BRIDGE MOSFET POWER MODULE
MSK3015 MSK-MSK3015 Datasheet
308Kb / 5P
THREE PHASE BRIDGE MOSFET POWER MODULE
MSK3017 MSK-MSK3017 Datasheet
314Kb / 5P
THREE PHASE BRIDGE MOSFET POWER MODULE
MSK3018 MSK-MSK3018 Datasheet
325Kb / 5P
THREE PHASE BRIDGE MOSFET POWER MODULE
MSK3016 MSK-MSK3016 Datasheet
219Kb / 5P
THREE PHASE BRIDGE MOSFET POWER MODULE
logo
International Rectifier
200MT40KPBF IRF-200MT40KPBF Datasheet
129Kb / 6P
THREE PHASE BRIDGE Power Module
logo
Anaren Microwave
MSK3001 ANAREN-MSK3001 Datasheet
137Kb / 5P
THREE PHASE BRIDGE MOSFET POWER MODULE
logo
Insel Rectifier India P...
MDS75 IRI-MDS75 Datasheet
1Mb / 3P
THREE PHASE BRIDGE MODULE
BKW41 IRI-BKW41 Datasheet
928Kb / 3P
THREE PHASE BRIDGE MODULE
More results


Html Pages

1 2 3 4 5 6