전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS178 데이터시트(PDF) 5 Page - Lumileds Lighting Company

부품명 DS178
상세설명  Highest power density, superior efficiency, powered by leading Chip Scale Package (CSP) technology
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMILEDS [Lumileds Lighting Company]
홈페이지  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS178 데이터시트(HTML) 5 Page - Lumileds Lighting Company

  DS178 Datasheet HTML 1Page - Lumileds Lighting Company DS178 Datasheet HTML 2Page - Lumileds Lighting Company DS178 Datasheet HTML 3Page - Lumileds Lighting Company DS178 Datasheet HTML 4Page - Lumileds Lighting Company DS178 Datasheet HTML 5Page - Lumileds Lighting Company DS178 Datasheet HTML 6Page - Lumileds Lighting Company DS178 Datasheet HTML 7Page - Lumileds Lighting Company DS178 Datasheet HTML 8Page - Lumileds Lighting Company DS178 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
DS178 LUXEON UV U Line Product Datasheet 20170711 ©2017 Lumileds Holding B.V. All rights reserved.
4
Performance Characteristics
Product Selection Guide
Table 1a . Product performance of LUXEON UV U1 at 500mA and 1000mA, T
j=25ºC .
PeaK
WaVelength [1]
tyPIcal radIometrIc PoWer [2] (mW)
Part numBer
500ma
1000ma
415 ±5nm
575
1093
LHUV-0415-A055
625
1188
LHUV-0415-A060
675
1283
LHUV-0415-A065
725
1378
LHUV-0415-A070
405 ±5nm
575
1093
LHUV-0405-A055
625
1188
LHUV-0405-A060
675
1283
LHUV-0405-A065
725
1378
LHUV-0405-A070
395 ±5nm
525
998
LHUV-0395-A050
575
1093
LHUV-0395-A055
625
1188
LHUV-0395-A060
675
1283
LHUV-0395-A065
385 ±5nm
275
523
LHUV-0385-A025
325
618
LHUV-0385-A030
375
713
LHUV-0385-A035
425
808
LHUV-0385-A040
475
903
LHUV-0385-A045
525
998
LHUV-0385-A050
575
1093
LHUV-0385-A055
Notes for Table 1a:
1. Lumileds maintains a tolerance of ±2nm for peak wavelength measurements.
2. Lumileds maintains a tolerance of ±10% for radiometric power measurements.
Table 1b . Product performance of LUXEON UV U2 at 1000mA and 2000mA, T
j=25°C .
PeaK
WaVelength [1]
tyPIcal radIometrIc PoWer [2] (mW)
Part numBer
1000ma
2000ma
410–420nm
1300
2340
L1F3-U410200012000
1450
2610
L1F3-U410200014000
400–410nm
1100
1980
L1F3-U400200010000
1300
2340
L1F3-U400200012000
1450
2610
L1F3-U400200014000
390–400nm
1100
1980
L1F3-U390200010000
1300
2340
L1F3-U390200012000
380–390nm
700
1260
L1F3-U380200006000
900
1620
L1F3-U380200008000
1050
1890
L1F3-U380200010000
Notes for Table 1b:
1. Lumileds maintains a tolerance of ±2nm for peak wavelength measurements.
2. Lumileds maintains a tolerance of ±10% for radiometric power measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com