| 전자부품 데이터시트 검색엔진 |
|
PIC12CE673-10E/P 데이터시트(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12CE673-10E/P 데이터시트(HTML) 8 Page - Microchip Technology |
|
8 / 129 page ![]() PIC12C67X DS30561B-page 8 © 1999 Microchip Technology Inc. FIGURE 3-1: PIC12C67X BLOCK DIAGRAM Power-up Timer Oscillator Start-up Timer EPROM Program Memory 13 Data Bus 8 14 Program Bus Instruction reg Program Counter RAM File Registers Direct Addr 7 RAM Addr (1) 9 Addr MUX Indirect Addr FSR reg STATUS reg MUX ALU W reg Instruction Decode & Control Timing Generation OSC1/CLKIN OSC2/CLKOUT MCLR VDD, VSS Timer0 GPIO 8 8 GP4/OSC2/AN3/CLKOUT GP3/MCLR/VPP GP2/T0CKI/AN2/INT GP1/AN1/VREF GP0/AN0 8 3 GP5/OSC1/CLKIN 8 Level Stack (13 bit) 128 bytes Note 1: Higher order bits are from the STATUS Register. A/D Watchdog Timer Power-on Reset 4 MHz Clock Internal Data Memory 16x8 EEPROM Device Program Memory Data Memory (RAM) Non-Volatile Memory (EEPROM) PIC12C671 1K x 14 128 x 8 — PIC12C672 2K x 14 128 x 8 — PIC12CE673 1K x 14 128 x 8 16 x 8 PIC12CE674 2K x 14 128 x 8 16 x 8 PIC12CE673 PIC12CE674 |