| 전자부품 데이터시트 검색엔진 |
|
PIC12CE673-04/JM 데이터시트(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12CE673-04/JM 데이터시트(HTML) 26 Page - Microchip Technology |
|
26 / 129 page ![]() PIC12C67X DS30561B-page 26 © 1999 Microchip Technology Inc. FIGURE 5-1: BLOCK DIAGRAM OF GP0/AN0 AND GP1/AN1/VREF PIN Data Bus P N WR PORT WR TRIS RD TRIS VDD Data Latch DQ CK Q TRIS Latch VDD P VDD D Q EN RD PORT To A/D Converter Analog Input Mode TTL Input Buffer I/O Pin GPPU VSS DQ CK Q VSS GP0/INT(1) and GP1/INT(1) Note 1: Wake-up on pin change interrupts for GP0 and GP1. |