전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F15860 데이터시트(PDF) 1 Page - Ledil, Inc.

부품명 F15860
상세설명  Linnea Lens
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F15860 데이터시트(HTML) 1 Page - Ledil, Inc.

  F15860 Datasheet HTML 1Page - Ledil, Inc. F15860 Datasheet HTML 2Page - Ledil, Inc. F15860 Datasheet HTML 3Page - Ledil, Inc. F15860 Datasheet HTML 4Page - Ledil, Inc. F15860 Datasheet HTML 5Page - Ledil, Inc. F15860 Datasheet HTML 6Page - Ledil, Inc. F15860 Datasheet HTML 7Page - Ledil, Inc. F15860 Datasheet HTML 8Page - Ledil, Inc. F15860 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
PRODUCT DATASHEET
Linnea series
last update 25/1/2018
DETAILS
Product Number
F15860_LINNEA-Z2T25
Family
Linnea
Type
Lens
Color
clear
Diameter
285x40 mm
Height
10,3 mm
Style
rectang
Optic Material
PC
Holder Material
Fastening
clips
Status
production ready
ROHS Compliant
Yes
Date Updated
25/01/2018
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
Tridino 1ft 1100lm xxxHE 1R HV
Asymmetric degAsymmetric 88 %
0.520
-
XP-E
Asymmetric degAsymmetric 86 %
0.520
-
NF2x757G
sim: AsymmetricAsymmetric sim: 87 % sim: 0.540 -
NFSx757G
Asymmetric degAsymmetric 85 %
0.480
-
PrevaLED Linear Slim 3 (1100lm)
Asymmetric degAsymmetric 86 %
0.510
-
Duris S5 (2 chip)
Asymmetric degAsymmetric 87 %
0.510
-
PrevaLED Linear Slim 3 (2000lm)
Asymmetric degAsymmetric 86 %
0.500
-
Duris S5 (Single chip)
Asymmetric degAsymmetric 89 %
0.530
-
Fortimo LED Strip 1ft 1100lm FC HV4 & LV4
Asymmetric degAsymmetric 87 %
0.500
-
Fortimo LED Strip 1ft 650lm FC HV4 & LV4
Asymmetric degAsymmetric 87 %
0.500
-
LM561B Plus
Asymmetric degAsymmetric 87 %
0.480
-
LT-V282E
Asymmetric degAsymmetric 88 %
0.540
-
LT-V562E
Asymmetric degAsymmetric 88 %
0.540
-
LT-H282C
Asymmetric degAsymmetric 87 %
0.530
-
LT-H562C
Asymmetric degAsymmetric 87 %
0.530
-
LT-S282H
Asymmetric degAsymmetric 87 %
0.540
-
LT-S562H
Asymmetric degAsymmetric 87 %
0.540
-
LT-Q282B
Asymmetric degAsymmetric 87 %
0.520
-
SEOUL 5630D
Asymmetric degAsymmetric 86 %
0.490
-
SunLike 3030
Asymmetric degAsymmetric 88 %
0.530
-
LLE G4 24x280mm 650lm
Asymmetric degAsymmetric 88 %
0.510
-
LLE G4 24x280mm 1250lm
Asymmetric degAsymmetric 87 %
0.520
-
CALOSNU405-M7W1
Asymmetric degAsymmetric 86 %
0.500
-
CALOSNU410-M7W1
Asymmetric degAsymmetric 86 %
0.510
-
January 31st 2018 10:23 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


유사한 부품 번호 - F15860

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
F15861 LEDIL-F15861 Datasheet
2Mb / 59P
Linnea
More results

유사한 설명 - F15860

제조업체부품명데이터시트상세설명
logo
Cree, Inc
F15523 CREE-F15523 Datasheet
518Kb / 10P
Linnea series
logo
Ledil, Inc.
F15941 LEDIL-F15941 Datasheet
2Mb / 37P
Linnea Lens
F15952 LEDIL-F15952 Datasheet
2Mb / 39P
Linnea Lens
F16048 LEDIL-F16048 Datasheet
1Mb / 38P
Linnea Lens
F15756 LEDIL-F15756 Datasheet
2Mb / 52P
Linnea Lens
F15861 LEDIL-F15861 Datasheet
2Mb / 59P
Linnea
F15940 LEDIL-F15940 Datasheet
2Mb / 44P
Linnea Lens
F16453 LEDIL-F16453 Datasheet
1Mb / 4P
Linnea Accessory
F16182 LEDIL-F16182 Datasheet
4Mb / 3P
Long, male end cap compatible with LINNEA-90
F16339 LEDIL-F16339 Datasheet
3Mb / 3P
Long, male end cap compatible with LINNEA-ZT25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com