전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29DL32XG 데이터시트(PDF) 58 Page - Advanced Micro Devices

부품명 AM29DL32XG
상세설명  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL32XG 데이터시트(HTML) 58 Page - Advanced Micro Devices

Back Button AM29DL32XG Datasheet HTML 50Page - Advanced Micro Devices AM29DL32XG Datasheet HTML 51Page - Advanced Micro Devices AM29DL32XG Datasheet HTML 52Page - Advanced Micro Devices AM29DL32XG Datasheet HTML 53Page - Advanced Micro Devices AM29DL32XG Datasheet HTML 54Page - Advanced Micro Devices AM29DL32XG Datasheet HTML 55Page - Advanced Micro Devices AM29DL32XG Datasheet HTML 56Page - Advanced Micro Devices AM29DL32XG Datasheet HTML 57Page - Advanced Micro Devices AM29DL32XG Datasheet HTML 58Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 58 / 58 page
background image
56
Am29DL32xG
February 9, 2005
D A TA SH EET
Revision B + 8 (February 9, 2005)
Connection Diagrams
Updated the 64-ball FBGA diagram.
Pin Description
Added RFU to the list of pins
Colophon
The products described in this document are designed, developed and manufactured as contemplated for general use, including without limita-
tion, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as con-
templated (1) for any use that includes fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the
public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility,
aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for
any use where chance of failure is intolerable (i.e., submersible repeater and artificial satellite). Please note that Spansion will not be liable to
you and/or any third party for any claims or damages arising in connection with above-mentioned uses of the products. Any semiconductor de-
vices have an inherent chance of failure. You must protect against injury, damage or loss from such failures by incorporating safety design mea-
sures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating
conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under the Foreign
Exchange and Foreign Trade Law of Japan, the US Export Administration Regulations or the applicable laws of any other country, the prior au-
thorization by the respective government entity will be required for export of those products.
Trademarks
Copyright ©2003-2005 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58