전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS1702-T 데이터시트(PDF) 12 Page - ams AG

부품명 AS1702-T
상세설명  1.6W Single-Channel Audio Power Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS1702-T 데이터시트(HTML) 12 Page - ams AG

Back Button AS1702-T Datasheet HTML 5Page - ams AG AS1702-T Datasheet HTML 6Page - ams AG AS1702-T Datasheet HTML 7Page - ams AG AS1702-T Datasheet HTML 8Page - ams AG AS1702-T Datasheet HTML 9Page - ams AG AS1702-T Datasheet HTML 10Page - ams AG AS1702-T Datasheet HTML 11Page - ams AG AS1702-T Datasheet HTML 12Page - ams AG AS1702-T Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
www.austriamicrosystems.com
Revision 1.01
12 - 13
AS1702, AS1703, AS1704, AS1705
austriamicrosystems
Data Sheet
9 Ordering Information
The AS1702, AS1703, AS1704, and AS1705 are available with adjustable or preset amplifier gain.
Part Number
Package Type
Delivery Form
Gain
Description
AS1702-T
MSOP-10
Tape and Reel
Adjustable
Package Size = 3x3x0.8mm
AS1703-T
AV = 0dB
AS1704-T
AV = 3dB
AS1705-T
AV = 6dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com