전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC77 데이터시트(PDF) 19 Page - Microchip Technology

부품명 TC77
상세설명  Thermal Sensor with SPI Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC77 데이터시트(HTML) 19 Page - Microchip Technology

Back Button TC77 Datasheet HTML 14Page - Microchip Technology TC77 Datasheet HTML 15Page - Microchip Technology TC77 Datasheet HTML 16Page - Microchip Technology TC77 Datasheet HTML 17Page - Microchip Technology TC77 Datasheet HTML 18Page - Microchip Technology TC77 Datasheet HTML 19Page - Microchip Technology TC77 Datasheet HTML 20Page - Microchip Technology TC77 Datasheet HTML 21Page - Microchip Technology TC77 Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
 2002 Microchip Technology Inc.
DS20092A-page19
TC77
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
X
XX
Package
Temperature
Range
Device
Device:
TC77:
Thermal Sensor with SPI Interface
Supply Voltage:
3.3 = VDD = Accuracy optimized for 3.3V
5.0 = VDD = Accuracy optimized for 5.0V
Temperature Range:
M
= -55
°C to +125°C
Package:
CTTR = Plastic Small Outline Transistor (SOT-23),
5-lead (Tape and Reel only)
OA
= Plastic SOIC, (150 mil Body), 8-lead
Examples:
a)
TC77-3.3MOA: 3.3V Thermal Sensor in
SOIC package.
b)
TC77-5.0MOA: 5.0V Thermal Sensor in
SOIC package.
c)
TC77-3.3MOATR: 3.3V Thermal Sensor in
SOIC package, Tape and Reel.
d)
TC77-5.0MOATR: 5.0V Thermal Sensor in
SOIC package, Tape and Reel.
e)
TC77-3.3MCTTR: 3.3V Thermal Sensor in
SOT-23 package, Tape and Reel.
f)
TC77-5.0MCTTR: 5.0V Thermal Sensor in
SOT-23 package, Tape and Reel.
-X.X
Supply
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com